Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2TC Datasheet(PDF) 307 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 307 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 300Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 301Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 302Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 303Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 304Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 305Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 306Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 307Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 308Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 307 / 308 page
background image
ST7MC1/ST7MC2
307/308
Mar-06
9
Added two sales types: ST7FMC2S4T3 and ST7FMC2S6T3
Changed QFP package name: TQFP replaced by LQFP
Changed “Master Mode Operation” on page 98: added important note
Changed “Interrupt Mapping” on page 43: modified interrupt n°13
Added note to VDD in Figure 13. on page 27
Modified Figure 24. on page 45.
Changed section 7.7 on page 46 (IPB, IS3[1:0] and IPA descriptions)
Changed Table 36 on page 166 and added notes
Changed SWA bit description after Table 58 on page 210
Added note to section 12.3.3 on page 250
Changed RON max values in section 12.9.1 on page 266
Added Figure 154. on page 276
Changed notes to “THERMAL CHARACTERISTICS” on page 288
Added text on ECOPACK packages in Section 13 PACKAGE CHARACTERISTICS and
changed Section 13.3 SOLDERING INFORMATION
Added “EXTERNAL INTERRUPT MISSED” on page 303
Added Section 15.7 MAXIMUM VALUES OF AVD THRESHOLDS
19-June-06
10
Modified MCES description in Section 7.2 on page 40
Modified name of bit 5 in the SPICSR register in Table 19 on page 105
Modifed section 10.4.3.3 on page 98 (added title “how to operate the SPI in Master mode)
Modified table in section 12.7.1 on page 260
Modified section 12.11.1 on page 270 (tsu(SS), tv(MO) and th(MO)) and added note1 to tsu(SS)
and th(SS)
Removed EMC protection circuitry in Figure 145 on page 267 (device works correctly with-
out these components)
Modified description of DIV2 bit in section 14.1 on page 290
Changed Table 91 on page 292: removed ST7MC1K2B6 and ST7PMC1K2B6 (SDIP32
package)
Modified “ST7MC MICROCONTROLLER OPTION LIST” on page 293
Added revision history for revisions 6 and 7
08-Dec-06
11
Added caution to section 6.2.1 on page 29
Modified Figure 149 on page 271 (tv(MO) , th(MO))
Replaced CPHA=0 with CPHA=1 in Figure 148. on page 271
Modified section 14.3 on page 294
Added one sales type (ST7FMC2S7T6) and modified Table 91 on page 292
Table 96. Revision History
Date
Revision
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com