Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 117Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 118Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 119Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 120Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 121Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 122Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 123Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 124Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 308 page
background image
ST7MC1/ST7MC2
121/308
LINSCI
™ SERIAL COMMUNICATION INTERFACE (LIN Mode)
10.5.9 LIN Mode - Functional Description.
The block diagram of the Serial Control Interface,
in LIN slave mode is shown in Figure 66.
It uses six registers:
– 3 control registers: SCICR1, SCICR2 and
SCICR3
– 2 status registers: the SCISR register and the
LHLR register mapped at the SCIERPR address
– A baud rate register: LPR mapped at the SCI-
BRR address and an associated fraction register
LPFR mapped at the SCIETPR address
The bits dedicated to LIN are located in the
SCICR3. Refer to the register descriptions in Sec-
tion 10.5.10for the definitions of each bit.
10.5.9.1 Entering LIN Mode
To use the LINSCI in LIN mode the following con-
figuration must be set in SCICR3 register:
– Clear the M bit to configure 8-bit word length.
– Set the LINE bit.
Master
To enter master mode the LSLV bit must be reset
In this case, setting the SBK bit will send 13 low
bits.
Then the baud rate can programmed using the
SCIBRR, SCIERPR and SCIETPR registers.
In LIN master mode, the Conventional and / or Ex-
tended Prescaler define the baud rate (as in stand-
ard SCI mode)
Slave
Set the LSLV bit in the SCICR3 register to enter
LIN slave mode. In this case, setting the SBK bit
will have no effect.
In LIN Slave mode the LIN baud rate generator is
selected instead of the Conventional or Extended
Prescaler. The LIN baud rate generator is com-
mon to the transmitter and the receiver.
Then the baud rate can be programmed using
LPR and LPRF registers.
Note: It is mandatory to set the LIN configuration
first before programming LPR and LPRF, because
the LIN configuration uses a different baud rate
generator from the standard one.
10.5.9.2 LIN Transmission
In LIN mode the same procedure as in SCI mode
has to be applied for a LIN transmission.
To transmit the LIN Header the proceed as fol-
lows:
– First set the SBK bit in the SCICR2 register to
start transmitting a 13-bit LIN Synch Break
– reset the SBK bit
– Load the LIN Synch Field (0x55) in the SCIDR
register to request Synch Field transmission
– Wait until the SCIDR is empty (TDRE bit set in
the SCISR register)
– Load the LIN message Identifier in the SCIDR
register to request Identifier transmission.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com