Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 10Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 11Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 12Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 13Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 14Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 15Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 16Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 17Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 308 page
background image
ST7MC1/ST7MC2
14/308
47 39
43
-
-
-
PF0/
MCDEM6)/
AIN8
I/O CT
X XX
X
X
Port F0
MTC De-
magnetiza-
tion
Output6)
ADC Ana-
log Input 8
48 40
44
-
-
-
PF1/MCZEM6)/
AIN9
I/O CT
X XX
X
X
Port F1
MTC BEMF
Output6)
ADC Ana-
log Input 9
49 41
-
-
-
-
PF2/MCO/
AIN10
I/O CT
X XX
X
X
Port F2
Main Clock
Out (fosc/2)
ADC Ana-
log Input 10
50 42
45
-
-
-
PF3/BEEP
I/O CT HS X X
X
X
Port F3
Beep Signal Output
51 43
-
-
-
-
PF4
I/O CT HS X XX
X
Port F4
52 44
-
-
-
-
PF5
I/O CT HS X XX
X
Port F5
53
--
---
PH0
I/O TT
X XX
X
Port H0
54
--
---
PH1
I/O TT
X XX
X
Port H1
55
--
---
PH2
I/O TT
X XX
X
Port H2
56
--
---
PH3
I/O TT
X XX
X
Port H3
57 45
46
29
25
21
PD0/
OCMP2_A/
MCPWMW7)/
AIN11
I/O CT
X
XX
X
Port D0
Timer A Output Compare
2
MTC PWM Output W7)
ADC Analog Input 11
58 46
47
30
26
22
PD1 (HS)/
OCMP1_A/
MCPWMV7)/
MCDEM6)
I/O CT HS X
ei0
X
X
Port D1
Timer A Output Compare
1
MTC PWM Output V7)
MTC Demagnetization6)
59 47
48
31
27
23
PD2/ICAP2_A/
MCZEM6) /
AIN12
I/O CT
X
ei0
X
X
X
Port D2
Timer A Input Capture 2
MTC BEMF6)
ADC Analog Input 12
60 48
49
32
28
24
PD3/ICAP1_A/
AIN13
I/O CT
X
ei0 X
X
X
Port D3
Timer A In-
put Capture
1
ADC Ana-
log
Input 13
61 49
50
33
29
25
PD4/
EXTCLK_A/IC-
CCLK/AIN14
I/O CT
X
ei0
X
X
X
Port D4
Timer A External Clock
source
ICC Clock Output
ADC Analog Input 14
62 50
51
34
30
26
PD5/ICCDA-
TA/AIN15
I/O CT
X
ei0
X
X
X
Port D5
ICC Data Input
ADC Analog Input 15
63 51
52
35
31
27
PD6/RDI
I/O CT HS X
ei0
X
X
Port D6
SCI Receive Data In
64 52
53
36
32
28
PD7/TDO
I/O CT HS X X
X
X
Port D7
SCI Transmit Data Output
65 53
54
-
-
-
VSS_2
S
Digital Ground Voltage
66 54
55
-
-
-
VDD_2
S
Digital Main Supply Voltage
67
--
---
PH4
I/O TT
X XX
X
Port H4
68
--
---
PH5
I/O TT
X XX
X
Port H5
Table 1. ST7MC Device Pin Description
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function 2)
Input
Output
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com