Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 190 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 190 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 186Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 187Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 188Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 189Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 190Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 191Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 192Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 193Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 194Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 308 page
background image
ST7MC1/ST7MC2
190/308
MOTOR CONTROLLER (Cont’d)
10.6.9.1 MPHST Phase State Register
A preload register enables software to asynchro-
nously update the channel configuration for the
next step (during the previous commutation inter-
rupt routine for example): the OO[5:0] bits in the
MPHST register are copied to the Phase register
on a C event.
Table 49. Output State
Direct access to the phase register is also possible
when the DAC bit in the MCRA register is set.
Note: In Direct Access Mode (DAC bit is set in
MCRA register):
1: A C event is generated as soon as there is a
write access to OO[5:0] bits in MPHST register,
2: The PWM application is selected by the OS0 bit
in the MCRB register,
3: Regardless of the value of the CKE bit in the
MCRA register, the MTIM Clock is disabled and D
and Z events are not detected.
Table 50. DAC and MOE Bit Meaning
*Note: The reset state of the outputs can be either
high impedance, low or high state depending on
the corresponding option bit.
The polarity register is used to match the polarity
of the power drivers keeping the same control log-
ic and software. If one of the OPx bits in the MPOL
register is set, this means the switch x is ON when
MCOx is VDD.
Each output status depends also on the momen-
tary state of the PWM, its group (low or high), and
the peripheral state.
PWM Features
The outputs can be split in two PWM groups in or-
der to differentiate the high side and the low side
switches. This output property can be pro-
grammed using the OE[5:0] bits in the MPAR reg-
ister.
Table 51. Meaning of the OE[5:0] Bits
The multiplexer directs the PWM to the upper
channel, the lower channel or both of them alter-
natively or simultaneously according to the periph-
eral state.
This means that the PWM can affect any of the up-
per or lower channels allowing the selection of the
most appropriate reference potential when free-
wheeling the motor in order to:
– Improve system efficiency
– Speed up the demagnetization phase
– Enable Back EMF zero crossing detection.
The OS[2:0] bits in the MCRB register allow the
PWM configuration to be configured for each case
as shown in Figure 110 and Figure 109.
During demagnetization, the OS2 bit is used to
control PWM mode, and it is latched in a preload
register so it can be modified when a commutation
event occurs and the configuration is active imme-
diately.
The OS1 bit is used to control the PWM between
the D and Z events to control back-emf detection.
OS0 bit will allow to control the PWM signal be-
tween Z event and next C event.
Note about demagnetization speed-up: during
demagnetization the voltage on the winding has to
be as high as possible in order to reduce the de-
magnetization time. Software can apply a different
PWM configuration on the outputs between the C
and D events, to force the free wheeling on the ap-
propriate diodes to maximize the demagnetization
voltage.
10.6.9.2 Emergency Feature
When the NMCES pin goes low
– The tristate output buffer is put in reset state
asynchronously
– The MOE bit in the MCRA register is reset
– An interrupt request is sent to the CPU if the EIM
bit in the MIMR register is set
This bit can be connected to an alarm signal from
the drivers, thermal sensor or any other security
component.
This feature functions even if the MCU oscillator is
off.
OP[5:0] bit
OO[5:0] bit
MCO[5:0] Pin
0
0
1 (OFF)
0
1
0-(PWM allowed)
1
0
0 (OFF)
1
1
1-(PWM allowed)
MOE
bit
DAC
bit
Effect on Output
0
x
Reset state*
10
Standard
running mode
11
MPHST register value (depending on
MPOL, MPAR register values and
PWM setting) see Table 74
OE[5:0]
Channel group
0
High channel
1
Low channel
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com