Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 253 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 253 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 249Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 250Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 251Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 252Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 253Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 254Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 255Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 256Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 308 page
background image
ST7MC1/ST7MC2
253/308
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
12.4.3 HALT and ACTIVE-HALT Modes
1. All I/O pins in push-pull output mode (when applicable) with a static value at VDD or VSS (no load), PLL and LVD dis-
abled. Data based on characterization results, tested in production at VDD max. and fCPU max.
2. All I/O pins in input mode with a static value at VDD or VSS. Tested in production at VDD max and fcpu max with clock
input OSC1 driven by an external square wave; VDD applied on OSC2 to reduce oscillator consumption. Consumption
may be slightly different with a quartz or resonator.
12.4.4 Supply and Clock Managers
The previous current consumption specified for the ST7 functional operating modes over temperature
range does not take into account the clock source current consumption. To get the total device consump-
tion, the two current values must be added (except for HALT mode).
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
Supply current in HALT mode 1)
VDD=5.5V
-40°C
≤T
A≤+85°C
1
10
µA
-40°C
≤T
A≤+125°C
50
Supply current in ACTIVE-HALT mode 2)
16Mhz external clock
1
1.5
mA
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD(LVD)
LVD supply current
HALT mode
180
280
µA
IDD(PLL)
PLL supply current
VDD = 5V
700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com