Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 276 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 276 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 272Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 273Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 274Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 275Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 276Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 277Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 278Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 279Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 280Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 308 page
background image
ST7MC1/ST7MC2
276/308
MOTOR CONTROL CHARACTERISTICS (Cont’d)
Figure 154. Example 5: Waveforms for sensor HST update timing diagram for a newly selected
phase input
fmtc
fSCF
Comparator
output
HST (MCRC)
XX
Sampling time
sample
write IS[1:0] = 01
= 2 x fcpu
MCIx
d
01
Sampling of sensor input is done at fSCF, so after writing IS[1:0] in the MPHST register
for input selection, you have to wait:
1) 1/fmtc to resynchronize the data and set the MCIx bit
2) 100ns corresponding to the comparator & multiplexer propagation delay (d)
3) 1/fSCF to sample the comparator output
4) 1/fmtc to resynchronize the data and set the HST bit
Example with fPERIPH = fmtc = 4MHz :
SCF[1:0]
00
01
10
11
fSCF
Secure
waiting
time
to read HST
1MHz 500kHz 250kHz 125kHz
2µs
3µs
5µs
9µs
IS[1:0] (MPHST)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com