Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 292 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 292 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 288Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 289Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 290Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 291Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 292Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 293Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 294Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 295Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 296Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 308 page
background image
ST7MC1/ST7MC2
292/308
14.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
The FASTROM or ROM contents are to be sent on
diskette, or by electronic means, with the hexadec-
imal file in .S19 format generated by the develop-
ment tool. All unused bytes must be set to FFh.
The selected options are communicated to STMi-
croelectronics using the correctly completed OP-
TION LIST appended.
Refer to Application Note AN1635 for information
on the counter listing returned by ST after code
has been transferred.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Table 91. Supported part numbers
Note 1: For development only. No production.
Note 2: /xxx stands for the ROM or FASTROM code assigned by STMicrolectronics.
Part Number
Version
Program
Memory (Bytes)
RAM
(Bytes)
Temp.
Range
Package
ST7FMC1K2T6
Standard
8K FLASH
384
-40°C +85°C
LQFP32
ST7FMC1K2TC
Automotive
-40°C +125°C
LQFP32
ST7FMC1K2T3
Standard
-40°C +125°C
LQFP32
ST7FMC1K2B6
Standard
-40°C +85°C
SDIP32
ST7FMC1K4T6
Standard
16K FLASH
768
-40°C +85°C
LQFP32
ST7FMC1K6TC
Automotive
32K FLASH
1024
-40°C +125°C
LQFP32
ST7FMC2S4T6
Standard
16K FLASH
768
-40°C +85°C
LQFP44
ST7FMC2S4T3
Standard
-40°C +125°C
LQFP44
ST7FMC2S4TC
Automotive
-40°C +125°C
LQFP44
ST7FMC2S6T6
Standard
32K FLASH
1024
-40°C +85°C
LQFP44
ST7FMC2S6T3
Standard
-40°C +125°C
LQFP44
ST7FMC2S6TC
Automotive
-40°C +125°C
LQFP44
ST7FMC2N6B6 1)
Standard
-40°C +85°C
SDIP56
ST7FMC2R6T6
Standard
-40°C +85°C
LQFP64
ST7FMC2S7T6
Standard
48K FLASH
1536
-40°C +85°C
LQFP44
ST7FMC2R7T6
Standard
-40°C +85°C
LQFP64
ST7FMC2M9T6
Standard
60K FLASH
-40°C +85°C
LQFP80
ST7MC1K2T6/xxx 2)
Standard
8K ROM
384
-40°C +85°C
LQFP32
ST7MC1K2TC/xxx 2)
Automotive
-40°C +125°C
LQFP32
ST7MC2S4T6/xxx 2)
Standard
16K ROM
768
-40°C +85°C
LQFP44
ST7MC2S4TC/xxx 2)
Automotive
-40°C +125°C
LQFP44
ST7PMC1K2T6/xxx 2)
Standard
8K FASTROM
384
-40°C +85°C
LQFP32
ST7PMC1K2TC/xxx 2)
Automotive
-40°C +125°C
LQFP32
ST7PMC2S4T6/xxx 2)
Standard
16K FASTROM
768
-40°C +85°C
LQFP44
ST7PMC2S4TC/xxx 2)
Automotive
-40°C +125°C
LQFP44
ST7PMC2S6T6/xxx 2)
Standard
32K FASTROM
1024
-40°C +85°C
LQFP44
ST7PMC2S6TC/xxx 2)
Automotive
-40°C +125°C
LQFP44
ST7PMC2R6T6/xxx 2)
Standard
-40°C +85°C
LQFP64
ST7PMC2R7T6/xxx 2)
Standard
48K FASTROM
1536
-40°C +85°C
LQFP64
ST7PMC2M9T6/xxx 2)
Standard
60K FASTROM
1536
-40°C +85°C
LQFP80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com