Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 302 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 302 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 298Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 299Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 300Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 301Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 302Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 303Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 304Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 305Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 306Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 308 page
background image
ST7MC1/ST7MC2
302/308
IMPORTANT NOTES (Cont’d)
Impact on application
Software may execute the interrupt routine twice
after header reception.
Moreover, in reception mode, as the receiver is no
longer in mute mode, an interrupt will be generat-
ed on each data byte reception.
Workaround
The problem can be detected in the LINSCI inter-
rupt routine. In case of timeout error (LHE is set
and LHLR is loaded with 00h), the software can
check the RWU bit in the SCICR2 register. If RWU
is cleared, it can be set by software. Refer to Fig-
ure 169. Workaround is shown in bold characters.
Figure 169. LINSCI Interrupt routine
15.4
MISSING
DETECTION
OF
BLDC
“Z
EVENT”
For a BLDC drive, the Dead Time generator is en-
abled through the MDTG register (PCN=0 and
DTE=1). If the duty cycle of the PWM signal gen-
erated to drive the motor is lower than the pro-
grammed deadtime, the Z event sampling will be
missing.
Workaround
The complementary PWM must be disabled by re-
setting the DTE bit in the MDTG register (see page
220).
As the current in the motor is very low in this case,
the MOSFET body diode can be used.
15.5 INJECTED CURRENT ON PD7
On rev.B silicon, the parameter Iinj(pin), injected
current on I/O pins (see section 12.8.1 on page
263), is limited at 0 (instead of -2mA) for the pin
PD7. This limitation is no longer present on rev.C
and A silicon and all I/O pins have the max values
+5/-2 mA.
15.6 RESET VALUE OF UNAVAILABLE PINS
On A silicon versions, some ports (Ports A, C and
E) have less than 8 pins. The bits associated to the
unavailable pins must always be kept at reset
state.
@interrupt void LINSCI_IT ( void ) /* LINSCI interrupt routine */
{
/* clear flags */
SCISR_buffer = SCISR;
SCIDR_buffer = SCIDR;
if ( SCISR_buffer & LHE )/* header error ? */
{
if (!LHLR)/* header time-out? */
{
if ( !(SCICR2 & RWU) )/* active mode ? */
{
_asm("sim");/* disable interrupts */
SCISR;
SCIDR;/* Clear RDRF flag */
SCICR2 |= RWU;/* set mute mode */
SCISR;
SCIDR;/* Clear RDRF flag */
SCICR2 |= RWU;/* set mute mode */
_asm("rim");/* enable interrupts */
}
}
}
}
Example using Cosmic compiler syntax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com