Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4TC Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7MC2S4TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4TC Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7MC2S4TC Datasheet HTML 9Page - STMicroelectronics ST7MC2S4TC Datasheet HTML 10Page - STMicroelectronics ST7MC2S4TC Datasheet HTML 11Page - STMicroelectronics ST7MC2S4TC Datasheet HTML 12Page - STMicroelectronics ST7MC2S4TC Datasheet HTML 13Page - STMicroelectronics ST7MC2S4TC Datasheet HTML 14Page - STMicroelectronics ST7MC2S4TC Datasheet HTML 15Page - STMicroelectronics ST7MC2S4TC Datasheet HTML 16Page - STMicroelectronics ST7MC2S4TC Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 308 page
background image
ST7MC1/ST7MC2
13/308
21 17
21
11
13
9
PB0/MCVREF I/O CT
X X
X
X
X
Port B0
MTC Voltage Reference
22 18
22
12
14
10
PB1/MCIA
I/O CT
X X
X
X
X
Port B1
MTC Input A
23 19
23
13
15
11
PB2/MCIB
I/O CT
X X
X
X
X
Port B2
MTC Input B
24 20
24
14
16
12
PB3/MCIC
I/O CT
X X
X
X
X
Port B3
MTC Input C
25 21
25
15
-
-
PB4/MISO
I/O CT
X XX
X
Port B4
SPI Master In / Slave Out
Data
26 22
26
16
-
-
PB5/MOSI/
AIN3
I/O CT
X XX
X
Port B5
SPI Master
Out / Slave
In Data
ADC Ana-
log Input 3
27 23
27
17
-
-
PB6/SCK
I/O CT HS X
ei2
X
X
Port B6
SPI Serial Clock
28 24
28
18
-
-
PB7/SS/AIN4
I/O CT HS X
ei2
X
X
Port B7
SPI Slave
Select (ac-
tive low)
ADC Ana-
log Input 4
29
--
---
PG4
I/O TT
X XX
X
Port G4
30
--
---
PG5
I/O TT
X XX
X
Port G5
31
--
---
PG6
I/O TT
X XX
X
Port G6
32
--
---
PG7
I/O TT
X XX
X
Port G7
33 25
29
-
-
-
PC0
I/O CT HS X
ei2
X
X
Port C0
34 26
30
-
-
-
PC1/MCCFI05)
/AIN5
I/O CT
X
ei2
X
X
X
Port C1
MTC Cur-
rent Feed-
back Input
05)
ADC Ana-
log Input 5
35 27
31
19
17
13
PC2/OAP
I/O CT
X
ei2 X
X
X
Port C2
OPAMP Positive Input
36 28
32
20
18
14
PC3/OAN
I/O CT
X X ei2 X
X
X
Port C3
OPAMP Negative Input
37 29
33
21
19
15
OAZ/
MCCFI15)/
AIN6
I/O
X
Opamp
Output
MTC Cur-
rent Feed-
back Input
15)
ADC analog
Input 6
38 30
34
22
20
16
PC4/MCCREF I/O CT
X XX
X
X
Port C4
MTC Current Feedback
Reference 9)
39 31
35
-
-
-
PC5/MCPW-
MU
I/O CT
X X
X
X
Port C5
MTC PWM Output U
40 32
36
-
-
-
PC6/
MCPWMV7)
I/O CT
X X
X
X
Port C6
MTC PWM Output V7)
41 33
37
23
-
-
PC7/
MCPWMW7)/
AIN7
I/O CT
X XX
X
X
Port C7
MTC PWM
Output W7)
ADC Ana-
log
Input 7
42 34
38
24
21
17
VAREF
I
Analog Reference Voltage for ADC
43 35
39
25
-
-
VSSA
S
Analog Ground Voltage
44 36
40
26
22
18
VSS_0
S
Digital Ground Voltage
45 37
41
27
23
19
VDD_0
S
Digital Main Supply Voltage
46 38
42
28
24
20
RESET
I/O CT
Top priority non maskable interrupt
Table 1. ST7MC Device Pin Description
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function 2)
Input
Output
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com