Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5026 Datasheet(PDF) 29 Page - Texas Instruments

Part # TAS5026
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5026 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS5026 Datasheet HTML 25Page - Texas Instruments TAS5026 Datasheet HTML 26Page - Texas Instruments TAS5026 Datasheet HTML 27Page - Texas Instruments TAS5026 Datasheet HTML 28Page - Texas Instruments TAS5026 Datasheet HTML 29Page - Texas Instruments TAS5026 Datasheet HTML 30Page - Texas Instruments TAS5026 Datasheet HTML 31Page - Texas Instruments TAS5026 Datasheet HTML 32Page - Texas Instruments TAS5026 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Serial Control Interface Register Definitions
24
SLES041B—November 2002
TAS5026
3
Serial Control Interface Register Definitions
Table 3–1 shows the register map for the TAS5026. Default values in this section are in bold.
Table 3–1. I2C Register Map
ADDR HEX
DESCRIPTION
00
General status register
01
Error status register
02
System control register 0
03
System control register 1
04
Error recovery register
05
Automute delay
06
DC-offset control register channel 1
07
DC-offset control register channel 2
08
DC-offset control register channel 3
09
DC-offset control register channel 4
0A
DC-offset control register channel 5
0B
DC-offset control register channel 6
0C
Interchannel delay register channel 1
0D
Interchannel delay register channel 2
0E
Interchannel delay register channel 3
0F
Interchannel delay register channel 4
10
Interchannel delay register channel 5
11
Interchannel delay register channel 6
12
Reserved
13
Volume control register channel 1
14
Volume control register channel 2
15
Volume control register channel 3
16
Volume control register channel 4
17
Volume control register channel 5
18
Volume control register channel 6
19
Individual channel mute
The volume table is contained in Appendix A.
Default values are shown in bold in the following tables
NOTE:
The performance of a TDAA system is optimized by setting the PWM timing based upon the
type of back-end device that is used and, to a lesser extent, the layout. These values are set
during initialization using the I2C serial interface. The specific timing parameter values for each
PWM and back-end configuration is contained in the EVM User Manual, Reference Design
User Manual, and design application note for these devices. Please refer to the appropriate
EVM User Manual, Reference Design user manual, or design application note for these
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com