Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036 Datasheet(PDF) 13 Page - Texas Instruments

Part # TAS5036
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5036 Datasheet HTML 9Page - Texas Instruments TAS5036 Datasheet HTML 10Page - Texas Instruments TAS5036 Datasheet HTML 11Page - Texas Instruments TAS5036 Datasheet HTML 12Page - Texas Instruments TAS5036 Datasheet HTML 13Page - Texas Instruments TAS5036 Datasheet HTML 14Page - Texas Instruments TAS5036 Datasheet HTML 15Page - Texas Instruments TAS5036 Datasheet HTML 16Page - Texas Instruments TAS5036 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Architecture Overview
8
SLES044B—November 2002
TAS5036
XO
TAS5036
OSC
MACRO
rd
C1
XI
C2
AVSS
rd = Drive level control resistor – crystal vendor specified
CL = Crystal load capacitance (capacitance of circuitry between the two terminals of the crystal)
CL = (C1 x C2 )/(C1 + C2 ) + CS (where CS = board stray capacitance ~ 3 pF)
Example: Vendor recommended CL = 18 pF, CS = 3 pF ≥ C1 = C2 = 2 x (18–3) = 30 pF
Figure 2–1. Crystal Circuit
2.1.4 Clock Slave Mode
In the slave mode (M_S = 0), the master clock, LRCLK, and SCLK are inputs to the TAS5036. The master clock
is supplied through the MCLK_IN terminal.
As in the master mode, the TAS5036 device developed its internal timing from internal phase-locked loop
(PLL). The reference clock for the PLL is provided by the input to the MCLK_IN terminal. This input is at a
frequency of 256 times (128 in quad mode) the input data rate. The SCLK frequency is 48 or 64 times the data
sample rate. The LRCLK frequency is the data sample rate. The TAS5036 does not require any specific phase
relationship between SRCLK and MCLK_IN, but there must be synchronization.
The TAS5036 monitors the relationship between MCLK, SCLK and LRCLK. The TAS5036 will detect if any
of the three clocks are absent, if LRCLK rate changes more the
±10 MCLK cycles since the last device reset
or clock error recovery, or if MCLK frequency is changing substantially with respect to the PLL frequency.
When a clock error is detected the TAS5036 will perform a clock error recovery sequence. If one or more of
the clock signals are absent, the TAS5036 is held with the outputs in hard mute until the clock is resumed.
Once the clock is resumed, the clock error recover sequence is completed.
Note. The detection of a clock error causes the TAS5036 to perform an immediate hard mute and suspension
of all processes. This abrupt transition can produce a faint click as the outputs are muted.
Since the clocks are removed when changing media or during input selection, it is possible to use this
knowledge to completely eliminate clicks in these conditions. In this case, the click is prevented by muting
the outputs by using the MUTE terminal or the I2C/MUTE command 43 ms in advance of the clocks being
removed.
In slave mode operation, when a crystal is connected to XTAL_IN and XTAL_OUT pins, the internal oscillator
of the TAS5036 is turned off.
In the slave mode, MCLK_OUT is driven low.
Table 2–2 shows all the possible master and slave modes. When operating in quad mode (Fs = 176.4 kHz
or 192 kHz), the device works in slave mode only with MCLK_IN = 128 Fs.
Table 2–3 shows the clocks speed for normal, double and quad modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com