Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD220 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TD220
Description  Gate Driver with VReg and Two Point Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD220 Datasheet(HTML) 1 Page - STMicroelectronics

  TD220 Datasheet HTML 1Page - STMicroelectronics TD220 Datasheet HTML 2Page - STMicroelectronics TD220 Datasheet HTML 3Page - STMicroelectronics TD220 Datasheet HTML 4Page - STMicroelectronics TD220 Datasheet HTML 5Page - STMicroelectronics TD220 Datasheet HTML 6Page - STMicroelectronics TD220 Datasheet HTML 7Page - STMicroelectronics TD220 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
s
60mA/120mA MIN GATE DRIVE
s
TWO POINT REGULATOR FOR
SWITCHING CHARGE PUMP SUPPLY
s
3.3V OR 5V VOLTAGE REGULATOR
s
LOW STARTUP CURRENT
s
UVLO PROTECTION
s
2kV ESD PROTECTION
DESCRIPTION
TD220 is a solution for micro-controller based off-
line applications. TD220 includes a two point
regulator for power supply generation, a 3.3V
(TD220) or 5V (TD221) linear regulator for the
microcontroller supply, and a MOSFET driver.
APPLICATIONS
s
µC-BASED OFF-LINE APPLICATIONS
ORDER CODE
Note: D = Small Outline Package (SO) - also available in Tape &
Reel (DT)
Package Reference
PIN CONNECTIONS (top view)
Part Number
Temperature
Range
Package
D
TD220I
-25, +125°C
•
TD221I
-25, +125°C
•
D
SO8
(Plastic
MicroPackage)
VCC
GND
VSUP
VCAP
GATE
IN
NC
VOUT
7
1
2
6
4
3
5
8
TD220/221
Gate Driver with VReg and Two Point Regulator
DATASHEET
Revision B
1/8
May 2003


Similar Part No. - TD220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD220I STMICROELECTRONICS-TD220I Datasheet
86Kb / 8P
Gate Driver with VReg and Two Point Regulator
May-2003
logo
NTE Electronics
TD220M10 NTE-TD220M10 Datasheet
17Kb / 1P
SOLID TANTALUM
TD220M16 NTE-TD220M16 Datasheet
17Kb / 1P
SOLID TANTALUM
TD220M20 NTE-TD220M20 Datasheet
17Kb / 1P
SOLID TANTALUM
TD220M25 NTE-TD220M25 Datasheet
17Kb / 1P
SOLID TANTALUM
More results

Similar Description - TD220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F08 PHILIPS-74F08 Datasheet
70Kb / 8P
Quad two-input AND gate
1995 Apr 19
logo
Texas Instruments
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
STMicroelectronics
TD221IDT STMICROELECTRONICS-TD221IDT Datasheet
86Kb / 8P
Gate Driver with VReg and Two Point Regulator
May-2003
logo
Texas Instruments
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
STMicroelectronics
AN1707 STMICROELECTRONICS-AN1707 Datasheet
176Kb / 5P
Gate Driver with Vreg and Two-Point Regulator
Oct-2003
logo
Texas Instruments
DRV8305 TI-DRV8305_15 Datasheet
2Mb / 53P
DRV8305 Three Phase Gate Driver With Current Shunt Amplifiers and Voltage Regulator
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Linear Technology
LTC3105EDD LINER-LTC3105EDD Datasheet
230Kb / 6P
DC/DC Converter with Power Point Control and LDO Regulator
logo
IXYS Corporation
IXI858 IXYS-IXI858 Datasheet
153Kb / 5P
Gate Driver with VReg and Charge Pump Regulator
logo
ON Semiconductor
NC7SZ08 ONSEMI-NC7SZ08 Datasheet
586Kb / 11P
UHS Two-Input AND Gate
October-2017, Rev . 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com