Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJZ_RGZ Datasheet(PDF) 2 Page - Recom International Power

Part # RJZ_RGZ
Description  2W Single and Dual Outputs in DIP 14
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RJZ_RGZ Datasheet(HTML) 2 Page - Recom International Power

  RJZ_RGZ Datasheet HTML 1Page - Recom International Power RJZ_RGZ Datasheet HTML 2Page - Recom International Power RJZ_RGZ Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
RJZ_RGZ
Series
ECONOLINE
DC/DC-Converter
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Thermal Impedance
56.66°C / W
Package Weight
2.8g
Packing Quantity
24 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
RJZ types
893 x 103 hours
RGZtypes
810 x 103 hours
(+85°C)
using MIL-HDBK 217F
RJZ types
208 x 103 hours
RGZ types
151 x 103 hours
Certifications
EN General Safety
Report: SPCLVD1109103
EN60950-1:2006 + A12:2011
EN Medical Safety
Report: SPCMDD120598-4
IEC/EN 60601-1:2006, 3rd Edition
}DetailedInformationsee
Application Notes chapter "MTBF"
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0505
1205
2405
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1209
2409
0509
Deviation / Load
40%
0%
100%
60%
80%
20%
Total Output current (%)
2405
1205
0505
30.000
-5.000
0.000
5.000
10.000
15.000
20.000
25.000
Deviation / Load
40%
0%
100%
60%
80%
20%
Total Output current (%)
2409
0509
1209
30.000
-5.000
0.000
5.000
10.000
15.000
20.000
25.000
RJZ-xx05S
RJZ-xx09S
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2412
1212
0512
Deviation / Load
40%
0%
100%
60%
80%
20%
Total Output current (%)
1212
0512
2412
30.000
-5.000
0.000
5.000
10.000
15.000
20.000
25.000
RJZ-xx12S
Isolated
DC/DC
Converter
IGBT
Driver
IGBT
Rg
+Vout
-Vout
Control Signal
-Vin
C1
C2
C3
+
+
+
1
2
7
6
5
IGBT Application Circuit
Notes
Note 1
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.
REV: 0/2015
E-107
www.recom-power.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com