Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD220I Datasheet(PDF) 2 Page - STMicroelectronics

Part # TD220I
Description  Gate Driver with VReg and Two Point Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD220I Datasheet(HTML) 2 Page - STMicroelectronics

  TD220I Datasheet HTML 1Page - STMicroelectronics TD220I Datasheet HTML 2Page - STMicroelectronics TD220I Datasheet HTML 3Page - STMicroelectronics TD220I Datasheet HTML 4Page - STMicroelectronics TD220I Datasheet HTML 5Page - STMicroelectronics TD220I Datasheet HTML 6Page - STMicroelectronics TD220I Datasheet HTML 7Page - STMicroelectronics TD220I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TD220/221
Block Diagram
2/8
1
BLOCK DIAGRAM
Pin Description
Name
Pin Number
Type
Function
VCC
1
Power supply
Supply capacitor and startup resistor
VOUT
2
Analog output
+3.3V (TD220) or +5V (TD221) voltage regulator
IN
4
Digital input
Input signal for gate drive
GATE
5
Analog output
Gate drive output
GND
6
Power supply
Signal ground
VSUP
7
Power supply
Charge pump input
VCAP
8
Power supply
Capacitor for charge pump
GND
IN
VOUT
VCC
GATE
VCAP
VSUP
NC
D1
D2
D3
Q1
22V
Vreg
UVLO
TPR
13V
75k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com