Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD221I Datasheet(PDF) 3 Page - STMicroelectronics

Part # TD221I
Description  Gate Driver with VReg and Two Point Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD221I Datasheet(HTML) 3 Page - STMicroelectronics

  TD221I Datasheet HTML 1Page - STMicroelectronics TD221I Datasheet HTML 2Page - STMicroelectronics TD221I Datasheet HTML 3Page - STMicroelectronics TD221I Datasheet HTML 4Page - STMicroelectronics TD221I Datasheet HTML 5Page - STMicroelectronics TD221I Datasheet HTML 6Page - STMicroelectronics TD221I Datasheet HTML 7Page - STMicroelectronics TD221I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Rating
TD220/221
3/8
2
ABSOLUTE MAXIMUM RATING
OPERATING CONDITIONS
Typical waveform of current in VSUP pin
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Icc<5mA)
-0.3 to selflimit
V
Vout
Voltage on GATE and VCAP pins
-0.3 to VCC+0.3
V
Vin
Voltage on IN and VOUT pins
-0.3 to 7
V
Isup
Continuous current in VSUP pin
-200 to 200
mA
Ipeak
Peak current in VSUP pin (tp
≤1µs, f≤150kHz, see waveform below)
-1.0 to 1.0
A
Pd
Power dissipation
500
mW
Tstg
Storage temperature
-55 to 150
°C
Tj
Maximum Junction Temperature
150
°C
Rhja
Thermal Resistance Junction-Ambient
150
°C/W
Rhjc
Thermal Resistance Junction-Case
40
°C/W
ESD
Electrostatic discharge (HBM)
2kV
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
UVLO to 17
V
Isup
Continuous current in VSUP pin
0 to 200
mA
Ipeak
Peak current in VSUP pin (tp
≤1µs, f≤150kHz, see waveform below)
-1.0 to 1.0
A
Tj
Junction Temperature
-25 to 125
°C
Ipeak
tp
10mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com