Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-R Datasheet(PDF) 4 Page - Recom International Power

Part # RV-R
Description  EN-61010 for Test, Measurement and Lab Use
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RV-R Datasheet(HTML) 4 Page - Recom International Power

  RV-R Datasheet HTML 1Page - Recom International Power RV-R Datasheet HTML 2Page - Recom International Power RV-R Datasheet HTML 3Page - Recom International Power RV-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bottom View
Top View
16.95max.
0.25
11.40
0.60
0.50±0.05
15.24
4.10
2.54 x 11
14.40
32.35
16.10
12
11
10
9
8
2
1
24 23
17 16 15 14 13
Single & Dual Output
24 23
17 16 15 14 13
12
11
10
9
8
2
1
RECOM
RV-0505D/R6.4
****
2.2
2.54
2.54
1.0ø+0.15/–0
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
24 PIN DIP Miniature Package Style
Pin Connections
Pin #
Single
1
+Vin
2
-Vin
8, 9, 11, 14
NC
10, 15
-Vout
12 & 13
+Vout
16, 17, 23, 24
NC
NC = No Connection
Pin Connections
Pin #
Dual
1
+Vin
2
-Vin
8, 17
-Vout
9, 11, 14,16, 23, 24
NC
10 & 15
Com
12, 13
+Vout
NC = No Connection
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
RV/R
Series
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 1/2015
www.recom-power.com
E-116



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com