Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2900-3 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS2900-3
Description  2900 Watts Distributed Power System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS2900-3 Datasheet(HTML) 2 Page - Artesyn Technologies

  DS2900-3 Datasheet HTML 1Page - Artesyn Technologies DS2900-3 Datasheet HTML 2Page - Artesyn Technologies DS2900-3 Datasheet HTML 3Page - Artesyn Technologies DS2900-3 Datasheet HTML 4Page - Artesyn Technologies DS2900-3 Datasheet HTML 5Page - Artesyn Technologies DS2900-3 Datasheet HTML 6Page - Artesyn Technologies DS2900-3 Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS2900 Data Sheet
Electrical Specifications
Output
Main DC voltage:
+12 V @ 240 A (high line)
Stand-By:
+3.3 Vsb @ 3 A
Adjustment range:
± 4% on +12V only using I2C
Regulation:
+12 Vdc; +4% / -4%; +3.3 Vsb; +5% / -5%
Over current:
Constant current type for both the 12 VDC and 3.3V standby.
See Figure 1 below
Over voltage:
+12 Vdc; 14.4 - 15.6 Vdc (110 - 130%); +3.3 Vsb; 3.63 V - 4.29 (110 - 130%)
Under voltage:
+12 Vdc; 9 - 10 V nominal (latch off)
Turn-on delay:
2 second max, 5 - 200 mS, monotonic rise
Main output rise time:
5 - 300 mS, monotonic rise
Vout nominal
Vout
Iout limit
Iout
110%
120%
130%
160%
(+12 Vdc)
(3.3 Vsb)
Figure1
Logic Control
Remote ON/OFF (PSON#)
The PSON# signal is required to remotely turn on/off the power supply. PSON# is an active low signal that turns on the +12 Vdc power rail. When
this signal is not pulled low by the system, or left open, the +12 Vdc output turns off. The 3.30 Vsb output remains on. This signal is pulled to a
stanby voltage by a pull-up resistor internal to the power supply. The power supply fan(s) shall operate at the lowest speed
Signal Type
Accepts an open collector/drain input from the system. Pulled-up to the 3.30 Vsb located in
the power supply
PSON# = Low
ON
PSON# = Open
OFF
MIN
MAX
Logic level low (power supply ON)
0 V
0.8 V
Logic level high (power supply OFF)
2.0 V
4.125 V
Source Current, Vpson = low
4 mA
Power up delay: T
pson on delay
5 msec
400 msec
Table 1 PSON# Signal Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com