Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2000-3 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS2000-3
Description  2000 Watts 12 V Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS2000-3 Datasheet(HTML) 2 Page - Artesyn Technologies

  DS2000-3 Datasheet HTML 1Page - Artesyn Technologies DS2000-3 Datasheet HTML 2Page - Artesyn Technologies DS2000-3 Datasheet HTML 3Page - Artesyn Technologies DS2000-3 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS2000-3 Data Sheet
Ordering Information
Model Number
Nominal Output
Voltage Set Point
Set Point
Tolerance
Total
Regulation
Minimum
Current
Maximum
Current
Output Ripple
P/P
Overcurrent
Airflow
DS2000-3
12.2 Vdc
3.3 Vsb
±0.2%
±1%
±5%
±5%
0 A
0 A
161.5 A
9.0 A
120 mV
60 mV
120 - 130% of nominal
100 - 125% of nominal
Standard
DS2000-3-001
12.2 Vdc
3.3 Vsb
±0.2%
±1%
±5%
±5%
0 A
0 A
161.5 A**
9.0 A
120 mV
60 mV
120 - 130% of nominal
100 - 125% of nominal
Reverse
DS2000-3-002
12.2 Vdc
5.0 Vsb
±0.2%
±1%
±5%
±5%
0 A
0 A
161.5 A
6.0 A
120 mV
60 mV
120 - 130% of nominal
120 - 140% of nominal
Standard
* Overcurrent latches off if overcurrent lasts over 1 second, otherwise it is auto recovery.
** Derates per below curve (-001) reverse air
Environmental Specifications
Operating temperature
-10 °C to 50 °C
Storage temperature
-40 °C to +85 °C Altitude, operating 10,000 ft
Electromagnetic susceptibility / Input transients
EN61000-3-2, -3-3
EN61000-4-2, 4.3, 4-4, -4-5, 4-11 Level
EN55024:1998
RoHS & lead free
Compliant (no tantalum caps)
Humidity
20 to 90% RH, non-condensing
Shock and vibration
Standard operating and non-operaitng random shock and vibration
MTBF (Demonstrated)
300 K Hrs at full load, 40 °C
Logic Control
PRESENT#
TTL logic LOW if power supply is seated into system connector. This is a short pin. A logic HIGH if the PSU is removed.
PWOK#
Active TTL LOW when output is within regulation limits.
AC OK#
A LOW logic level if the input voltage is within allowable limits. A TTL logic HIGH level, and a 2 mS early warning signal before
12.0 V DC output loss of regulation.
DS2000-3-001 Derating Curve
0
500
1000
1500
2000
2500
-10-50
5101520253035404550
Operating Temperature (°C)
Low Line (90 Vac)
High Line (180 Vac)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com