Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM135 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM135
Description  Precision Temperature Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM135 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM135 Datasheet HTML 6Page - National Semiconductor (TI) LM135 Datasheet HTML 7Page - National Semiconductor (TI) LM135 Datasheet HTML 8Page - National Semiconductor (TI) LM135 Datasheet HTML 9Page - National Semiconductor (TI) LM135 Datasheet HTML 10Page - National Semiconductor (TI) LM135 Datasheet HTML 11Page - National Semiconductor (TI) LM135 Datasheet HTML 12Page - National Semiconductor (TI) LM135 Datasheet HTML 13Page - National Semiconductor (TI) LM135 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Typical Applications (Continued)
Definition of Terms
Operating Output Voltage: The voltage appearing across
the positive and negative terminals of the device at specified
conditions of operating temperature and current.
Uncalibrated Temperature Error: The error between the
operating output voltage at 10 mV/˚K and case temperature
at specified conditions of current and case temperature.
Calibrated Temperature Error: The error between operat-
ing output voltage and case temperature at 10 mV/˚K over a
temperature range at a specified operating current with the
25˚C error adjusted to zero.
Ground Referred Centigrade Thermometer
DS005698-16
Air Flow Detector*
DS005698-17
*Self heating is used to detect air flow
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com