Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM32 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM32
Description  Series 3-Terminal Negative Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM32 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM32 Datasheet HTML 1Page - National Semiconductor (TI) LM32 Datasheet HTML 2Page - National Semiconductor (TI) LM32 Datasheet HTML 3Page - National Semiconductor (TI) LM32 Datasheet HTML 4Page - National Semiconductor (TI) LM32 Datasheet HTML 5Page - National Semiconductor (TI) LM32 Datasheet HTML 6Page - National Semiconductor (TI) LM32 Datasheet HTML 7Page - National Semiconductor (TI) LM32 Datasheet HTML 8Page - National Semiconductor (TI) LM32 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLH7767
November 1994
LM120LM320
Series 3-Terminal Negative Regulators
General Description
The LM120 series are three-terminal negative regulators
with a fixed output voltage of b5V b12V and b15V and
up to 15A load current capability Where other voltages are
required the LM137 and LM137HV series provide an output
voltage range of b12V to b47V
The LM120 need only one external componenta compen-
sation capacitor at the output making them easy to apply
Worst case guarantees on output voltage deviation due to
any combination of line load or temperature variation as-
sure satisfactory system operation
Exceptional effort has been made to make the LM120 Se-
ries immune to overload conditions The regulators have
current limiting which is independent of temperature com-
bined with thermal overload protection Internal current limit-
ing protects against momentary faults while thermal shut-
down prevents junction temperatures from exceeding safe
limits during prolonged overloads
Although primarily intended for fixed output voltage applica-
tions the LM120 Series may be programmed for higher out-
put voltages with a simple resistive divider The low quies-
cent drain current of the devices allows this technique to be
used with good regulation
Features
Y
Preset output voltage error less than g3%
Y
Preset current limit
Y
Internal thermal shutdown
Y
Operates with input-output voltage differential down to
1V
Y
Excellent ripple rejection
Y
Low temperature drift
Y
Easily adjustable to higher output voltage
LM120 Series Packages and Power Capability
Rated
Design
Device
Package
Power
Load
Dissipation
Current
LM120LM320
TO-3 (K)
20W
15A
TO-39 (H)
2W
05A
LM320
TO-220 (T)
15W
15A
LM320M
TO-202 (P)
75W
05A
Typical Applications
Dual Trimmed Supply
TLH7767 – 3
Fixed Regulator
TLH7767 – 2
Required if regulator is separated from filter capacitor by more than 3
For
value given capacitor must be solid tantalum 25 mF aluminum electrolytic
may be substituted
Required for stability For value given capacitor must be solid tantalum 25
m
F aluminum electrolytic may substituted Values given may be increased
without limit
For output capacitance in excess of 100 mF a high current diode from
input to output (1N4001 etc) will protect the regulator from momentary
input shorts
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM32

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM32 NSC-LM32 Datasheet
281Kb / 14P
Precision Timers
LM32 NSC-LM32 Datasheet
210Kb / 8P
3-Terminal Negative Regulators
LM32 NSC-LM32 Datasheet
237Kb / 9P
Low Power Single Op Amp
LM32 NSC-LM32 Datasheet
222Kb / 8P
Dual Voltage Regulator
LM32 NSC-LM32 Datasheet
340Kb / 24P
Dual Thermal Diode Temperature Sensor with SensorPath Bus
More results

Similar Description - LM32

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM320L NSC-LM320L Datasheet
210Kb / 8P
3-Terminal Negative Regulators
LM7905C NSC-LM7905C Datasheet
167Kb / 10P
LM79XX Series 3-Terminal Negative Regulators
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
3-Terminal Negative Regulators
LM320L NSC-LM320L_03 Datasheet
209Kb / 8P
3-Terminal Negative Regulators
logo
Texas Instruments
LM7915CT TI-LM7915CT Datasheet
1Mb / 13P
LM79XX Series 3-Terminal Negative Regulators
LM79L05 TI-LM79L05_15 Datasheet
943Kb / 17P
Series 3-Terminal Negative Regulators
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
Series 3-Terminal Negative Regulators
LM120QML TI1-LM120QML_16 Datasheet
640Kb / 19P
Series 3-Terminal Negative Regulators
LM79M05 TI1-LM79M05_13 Datasheet
1Mb / 14P
3-Terminal Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com