Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN42HCI Datasheet(PDF) 9 Page - Microchip Technology

Part # RN42HCI
Description  Class 2 Bluetooth짰 Module with EDR Support
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN42HCI Datasheet(HTML) 9 Page - Microchip Technology

Back Button RN42HCI Datasheet HTML 5Page - Microchip Technology RN42HCI Datasheet HTML 6Page - Microchip Technology RN42HCI Datasheet HTML 7Page - Microchip Technology RN42HCI Datasheet HTML 8Page - Microchip Technology RN42HCI Datasheet HTML 9Page - Microchip Technology RN42HCI Datasheet HTML 10Page - Microchip Technology RN42HCI Datasheet HTML 11Page - Microchip Technology RN42HCI Datasheet HTML 12Page - Microchip Technology RN42HCI Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
 2015 Microchip Technology Inc.
DS50002328A-page 9
RN42/RN42N
FIGURE 2-5:
RN42 HOST PCB EXAMPLE LAYOUT
2.5
External Antenna Types (RN42N)
The RN42N module’s antenna pin (pin 26) provides a
50-ohm impedance to external antennas. Pin 25 can
connect directly to a coaxial cable or to an antenna
connector such as a U.FL or reverse polarity SMA.
The PCB trace from pin 26 to the coaxial cable or con-
nector should be less than 0.2 inches (5 mm) for mini-
mum loss and the best impedance match. If the PCB
trace is longer, it should be a 50-ohm impedance
microstrip trace. Connect adjacent ground pins 25 and
27 to a low-impedance ground on the host PCB and the
antenna connection. Figure 2-4 gives example host
PCB layout to a U.FL connector.
2.6
HCI Mode
Microchip offers the Host Controller Interface (HCI)
mode in addition to the standard operational mode of its
Bluetooth modules (standard mode refers to the on-
board stack running on the module).
In HCI mode, the on-board stack is bypassed and the
module is put in a state that runs the Bluetooth base-
band. The HCI provides a command reference inter-
face to the baseband controller and the link manager,
and provides access to the hardware status and control
registers. This interface provides a uniform method for
accessing the Bluetooth baseband capabilities.
In this mode, the Bluetooth stack is no longer on-board
the module. It is offloaded to the interfacing host pro-
cessor. The Bluetooth module is used as a radio, per-
forming the lower level MAC functionalities, while the
application stack runs on the host processor.
Using the module in HCI mode enables designers to
implement profiles that are not natively supported on
the Bluetooth module.
Microchip offers HCI mode in two hardware interfaces:
• HCI over UART (RN42HCI-I/RM)
• HCI over USB (RN42U-I/RM)
2.6.1
HCI OVER UART
In this mode, the hardware interface between the host
processor and the Bluetooth module is the UART con-
figured at 115.2Kbps. The UART hardware flow control
signals are required between the host processor and
the Bluetooth module for the HCI interface to work.
Failure to do so can cause the host processor and the
Bluetooth module to become out of sync and break the
Bluetooth link.
2.6.2
HCI OVER USB
In this mode, the hardware interface between the host
processor and the Bluetooth module is the USB. In this
architecture, the Bluetooth module is the USB slave
and the host processor is the USB host.
Using the USB interface offers the advantage of a
faster data link between the Bluetooth module and the
host processor. With this interface, it is possible to
achieve Bluetooth’s theoretical maximum throughput of
3 Mpbs.
No Copper
in these
areas
RN42
Okay
RN42
Best
RN42
Okay
RN42
Okay
Note:
HCI mode is only available by ordering
part RN42HCI and RN42HCI for UART
interface; or RN42U and RN42U for USB
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com