Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN42HID Datasheet(PDF) 1 Page - Microchip Technology

Part # RN42HID
Description  Class 2 Bluetooth짰 Module with EDR Support
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN42HID Datasheet(HTML) 1 Page - Microchip Technology

  RN42HID Datasheet HTML 1Page - Microchip Technology RN42HID Datasheet HTML 2Page - Microchip Technology RN42HID Datasheet HTML 3Page - Microchip Technology RN42HID Datasheet HTML 4Page - Microchip Technology RN42HID Datasheet HTML 5Page - Microchip Technology RN42HID Datasheet HTML 6Page - Microchip Technology RN42HID Datasheet HTML 7Page - Microchip Technology RN42HID Datasheet HTML 8Page - Microchip Technology RN42HID Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2015 Microchip Technology Inc.
DS50002328A-page 1
RN42/RN42N
Features
• Fully qualified Bluetooth® version 2.1 module, sup-
ports version 2.1 + Enhanced Data Rate (EDR)
• ASCII command interface over UART
• Postage-stamp-sized form factor:
- RN42: 13.4 x 25.8 x 2.4 mm
- RN42N: 13.4 x 20.5 x 2.4 mm
• Low-power (26
A sleep, 3 mA connected, 30 mA
transmit)
• UART (SPP or HCI) and USB (HCI only) data con-
nection interfaces
• Sustained SPP data rates: 240 Kbps (Slave mode),
300 Kbps (Master mode)
• HCI data rates: 1.5 Mbps sustained, 3.0 Mbps burst
in HCI mode
• Embedded Bluetooth stack profiles include: GAP,
SDP, RFCOMM, L2CAP protocols, with SPP, HID,
and DUN profile support (does not require any host
stack).
• Bluetooth SIG qualified, end product listing
• Castellated SMT pads for easy and reliable PCB
mounting
• Class 2 power amplifier with on-board PCB trace
antenna (RN42) or external antenna (RN42N)
• Compliance (RN42)
- Modular Certified for the United States (FCC)
and Canada (IC)
- European R&TTE Directive Assessed Radio
Module
- Australia/New Zealand/Japan/Korea/Taiwan
- Bluetooth SIG QDID
• Integrated Crystal, Internal Voltage Regulator,
Matching Circuitry, Power Amplifier, Low Noise,
Memory Amplifier and PCB Antenna
• Easy Integration into Final Product - Minimize Prod-
uct Development, Quicker Time to Market
• Compatible with Microchip Microcontroller Families
(PIC16F, PIC18F, PIC24F/H, dsPIC33 and PIC32)
• Up to 10 meter range
Applications
• Cable replacement
• Barcode scanners
• Measurement and monitoring systems
• Industrial sensors and controls
• Medical devices
Note 1: For customer part numbers, see Section 4.0 “Ordering Information”. Information on firmware versions can be found
on the RN42/RN42N product web page and the “Bluetooth Data Module Command Reference and Advanced Information
User’s Guide”.
RN42/RN42N Module Variants(1)
Model
Antenna
Firmware
Description
RN42
Integral
4.77, 6.15
Class 2, 2.1+EDR, SPP profile
RN42HCI
Integral
N/A
Class 2, 2.0+EDR, HCI over UART
RN42HID
Integral
6.11
Class 2, 2.1+EDR, HID and SPP profiles
RN42U
Integral
N/A
Class 2, 2.0+EDR, HCI over USB
RN42APL
Integral
5.36, 5.43, 5.45
Class 2, 2.1+EDR, SPP & MFi profiles
RN42N
External
4.77, 6.15
Class 2, 2.1+EDR, SPP profile
RN42NHCI
External
N/A
Class 2, 2.0+EDR, HCI over UART
RN42NHID
External
6.11
Class 2, 2.1+EDR, HID and SPP profiles
RN42NU
External
N/A
Class 2, 2.0+EDR, HCI over USB
RN42NAPL
External
5.36, 5.43, 5.45
Class 2, 2.1+EDR, SPP & MFi profiles
Class 2 Bluetooth® Module with EDR Support


Similar Part No. - RN42HID

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
Bluetooth Low Energy Module
07/14/15
RN4020 MICROCHIP-RN4020_14 Datasheet
565Kb / 6P
RN4020 PICtail??PICtail Plus Board User?셲 Guide
03/25/14
logo
KOA Speer Electronics, ...
RN41 KOA-RN41 Datasheet
562Kb / 3P
fixed metal film melf resistors
logo
Microchip Technology
RN41 MICROCHIP-RN41 Datasheet
654Kb / 28P
Class 1 Bluetooth Module with EDR Support
03/25/14
RN41-I/RM MICROCHIP-RN41-I/RM Datasheet
654Kb / 28P
Class 1 Bluetooth Module with EDR Support
03/25/14
More results

Similar Description - RN42HID

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
Bluetooth V2.0 EDR Class 1 Module
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
Bluetooth V2.0 EDR Class 2 Module
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
BLUETOOTH V2.0 EDR CLASS 2 MODULE
logo
Texas Instruments
WL1271-TIWI TI-WL1271-TIWI Datasheet
43Kb / 2P
WLAN 802.11 b/g/n and Bluetooth짰 v2.1 EDR Module
CC2560-PAN1315 TI1-CC2560-PAN1315 Datasheet
43Kb / 2P
Bluetooth짰 v2.1 Enhanced Data Rate (EDR) Module
logo
STMicroelectronics
SPBT2632C1A STMICROELECTRONICS-SPBT2632C1A Datasheet
584Kb / 26P
Bluetooth® technology class-1 module
07-Aug-2012
SPBT2632C2A STMICROELECTRONICS-SPBT2632C2A Datasheet
548Kb / 27P
Bluetooth® technology class-2 module
August 2012 Rev 4
logo
List of Unclassifed Man...
ARF7678AA ETC2-ARF7678AA Datasheet
186Kb / 1P
Bluetooth짰 Module Class 2 - Data - 1mW - 2.41/2.48GHz
logo
Texas Instruments
WL1271-TIWI TI1-WL1271-TIWI_14 Datasheet
40Kb / 3P
WLAN 802.11 b/g/n and Bluetooth짰 v2.1 EDR Module
logo
Microchip Technology
RN41 MICROCHIP-RN41 Datasheet
654Kb / 28P
Class 1 Bluetooth Module with EDR Support
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com