Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN42U Datasheet(PDF) 3 Page - Microchip Technology

Part # RN42U
Description  Class 2 Bluetooth짰 Module with EDR Support
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN42U Datasheet(HTML) 3 Page - Microchip Technology

  RN42U Datasheet HTML 1Page - Microchip Technology RN42U Datasheet HTML 2Page - Microchip Technology RN42U Datasheet HTML 3Page - Microchip Technology RN42U Datasheet HTML 4Page - Microchip Technology RN42U Datasheet HTML 5Page - Microchip Technology RN42U Datasheet HTML 6Page - Microchip Technology RN42U Datasheet HTML 7Page - Microchip Technology RN42U Datasheet HTML 8Page - Microchip Technology RN42U Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2015 Microchip Technology Inc.
DS50002328A-page 3
RN42/RN42N
1.0
DEVICE OVERVIEW
The RN42/RN42N module is a small form factor, low-
power, class 2 Bluetooth radio that is ideal for
designers who want to add wireless capability to their
products without spending significant time and money
developing Bluetooth-specific hardware and software.
The
RN42/RN42N
supports
multiple
interface
protocols, is simple to design in, and is fully certified,
making it a complete embedded Bluetooth solution.
With its high-performance, PCB trace antenna (RN42)
or external antenna (RN42N), and support for
Bluetooth EDR, the RN42/RN42N delivers up to a 3-
Mbps data rate for distances up to 10 meters.
1.1
MCU Interface
The RN42/RN42N module is managed through ASCII
commands via the UART and/or PIO signals. A micro-
controller unit (MCU) or host processor sends com-
mands to configure module features, read status, and
manage Bluetooth data connections.
As shown in Figure 1-1, the UART TX and RX are
required to communicate with module, and transfer
data across Bluetooth SPP connection.
Connecting the hardware flow control lines CTS and
RTS is highly recommended for applications that
transmits a continuous stream of data.
The module can be configured locally via the UART or
over-the-air. To support instant cable replacement,
auto-discovery/pairing does not require software con-
figuration. Additionally, the module supports auto-con-
nect master, I/O pin (DTR), and character-based trigger
modes.
FIGURE 1-1:
RN42/RN42N TO MCU
INTERFACE
Table 1-1, Table 1-2, Table 1-3, Table 1-4, and Table 1-
5 provide the module’s environmental conditions, elec-
trical characteristics, dimensions, radio characteristics,
and digital I/O characteristics.
1.2
ASCII Command and Data
Interface
The “Bluetooth Data Module Advanced User’s Guide”
provides a complete description of the ASCII command
and data interface for the RN42/RN42N module.
TABLE 1-1:
ENVIRONMENTAL CONDITIONS
Parameter
Value
Temperature Range (Operating)
-40o C ~ 85o C
Temperature Range (Storage)
-40o C ~ 85o C
Relative Humidity (Operating)
90%
Relative Humidity (Storage)
90%
Moisture Sensitivity Level
1
TABLE 1-2:
ELECTRICAL CHARACTERISTICS
Parameter
Min.
Typ.
Max.
Units
Supply Voltage (DC)
3.0
3.3
3.6
V
Average Power Consumption
Radio On (Discovery or Inquiry Window Time)(1)
—40—
mA
Connected Idle (No Sniff)
—
25
—
mA
Connected Idle (Sniff 100 ms)
—
12
—
mA
Connected with Data Transfer
40
45
50
mA
Deep Sleep Idle Mode
—
26
—
A
Note 1:
This characteristic applies if, in Slave mode, there are bursts of radio on time that vary with the windows. The window setting
determines the average current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com