Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF89XAM8A Datasheet(PDF) 9 Page - Microchip Technology

Part # MRF89XAM8A
Description  868 MHz Ultra-Low Power
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XAM8A Datasheet(HTML) 9 Page - Microchip Technology

Back Button MRF89XAM8A Datasheet HTML 5Page - Microchip Technology MRF89XAM8A Datasheet HTML 6Page - Microchip Technology MRF89XAM8A Datasheet HTML 7Page - Microchip Technology MRF89XAM8A Datasheet HTML 8Page - Microchip Technology MRF89XAM8A Datasheet HTML 9Page - Microchip Technology MRF89XAM8A Datasheet HTML 10Page - Microchip Technology MRF89XAM8A Datasheet HTML 11Page - Microchip Technology MRF89XAM8A Datasheet HTML 12Page - Microchip Technology MRF89XAM8A Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
© 2010 Microchip Technology Inc.
Preliminary
DS70651A-page 7
MRF89XAM8A
FIGURE 1-5:
MOUNTING DETAILS
3.4”
3.4”
0.4”
0.4”
Edge of PCB
0.470”
Keep
area
around
antenna
(approximately 3.4 inches (8.6
cm)) clear of metallic structures
for best performance.
Host PCB Top Copper Ground
Plane (Antenna Counterpoise):
Extend the host PCB top copper
ground plane under and to the left
and right side of the module at
least 0.4 inches (1 cm) for best
antenna performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com