Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN42NAPL Datasheet(PDF) 4 Page - Microchip Technology

Part # RN42NAPL
Description  Class 2 Bluetooth짰 Module with EDR Support
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN42NAPL Datasheet(HTML) 4 Page - Microchip Technology

  RN42NAPL Datasheet HTML 1Page - Microchip Technology RN42NAPL Datasheet HTML 2Page - Microchip Technology RN42NAPL Datasheet HTML 3Page - Microchip Technology RN42NAPL Datasheet HTML 4Page - Microchip Technology RN42NAPL Datasheet HTML 5Page - Microchip Technology RN42NAPL Datasheet HTML 6Page - Microchip Technology RN42NAPL Datasheet HTML 7Page - Microchip Technology RN42NAPL Datasheet HTML 8Page - Microchip Technology RN42NAPL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
RN42/RN42N
DS50002328A-page 4
 2015 Microchip Technology Inc.
TABLE 1-3:
MODULE DIMENSIONS
Parameter
RN42
RN42N
Units
Size
13.4 x 25.8 x 2.4
13.4 x 20.5 x 2.4
mm
Weight
0.045
0.040
oz.
TABLE 1-4:
RADIO CHARACTERISTICS
Parameter
Frequency
(GHz)
Min.
Typ.
Max.
Bluetooth
Specification
Units
Sensitivity at 0.1% BER
2.402
—
-80
-86
≤ -70
dBm
2.441
—
-80
-86
dBm
2.480
—
-80
-86
dBm
RF Transmit Power (1)
RN42
2.402
—
4
—
dBm
2.441
—
4
—
dBm
2.480
—
4
—
dBm
RF Transmit Power (1)
RN42N
2.402
—
4
—
dBm
2.441
—
4
—
dBm
2.480
—
4
—
dBm
Initial Carrier Frequency Tolerance
2.402
—
5
75
75
kHz
2.441
—
5
75
kHz
2.480
—
5
75
kHz
20-dB Bandwidth for Modulated Carrier
—
—
900
1000
≤ 1000
kHz
Drift (Five Slots Packet)
—
—
15
—
40
kHz
Drift Rate
—
—
13
—
20
kHz
∆f1avg Maximum Modulation
2.402
140
165
175
> 140
kHz
2.441
140
165
175
kHz
2.480
140
165
175
kHz
∆f2avg Minimum Modulation
2.402
140
190
—
115
kHz
2.441
140
190
—
kHz
2.480
140
190
—
kHz
Note 1: Normal mode
TABLE 1-5:
DIGITAL I/O CHARACTERISTICS
3.0 V ≤ VDD ≤ 3.3 V
Min.
Typ.
Max.
Units
Input Logic Level Low
-0.4
—
+0.8
V
Input Logic Level High
0.7 VDD
—
VDD + 0.4
V
Output Logic Level Low
—
—
0.2
V
Output Logic Level High
VDD - 0.2
—
—
V
All I/O pins (Except reset) Default to Weak Pull Down
+0.2
+1.0
+5.0
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com