Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3472FVT Datasheet(PDF) 13 Page - Rohm

Part # BA3472FVT
Description  High Speed with High Voltage Operational Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3472FVT Datasheet(HTML) 13 Page - Rohm

Back Button BA3472FVT Datasheet HTML 9Page - Rohm BA3472FVT Datasheet HTML 10Page - Rohm BA3472FVT Datasheet HTML 11Page - Rohm BA3472FVT Datasheet HTML 12Page - Rohm BA3472FVT Datasheet HTML 13Page - Rohm BA3472FVT Datasheet HTML 14Page - Rohm BA3472FVT Datasheet HTML 15Page - Rohm BA3472FVT Datasheet HTML 16Page - Rohm BA3472FVT Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
13/36
11.Jul.2014 Rev.004
TSZ22111・15・001
BA3472xxx
BA3472RFVM
BA3474xxx
BA3474RFV
0
20
40
60
80
100
-50
-25
0
255075
100
125
AMBIENT TEMPERATURE[℃]
○BA3472, BA3472R
(*) The above data is measurement value of typical sample, it is not guaranteed.
BA3472:-40℃~+85℃
BA3472R:-40℃~+105℃
Figure 14.
Input Bias Current - Supply voltage
Figure 15.
Input Bias Current - Ambient Temperature
Figure 16.
Large Signal Voltage Gain
- Supply Voltage
Figure 17.
Large Signal Voltage Gain
- Ambient Temperature
0
20
40
60
80
100
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE[V]
-40℃
25℃ 85℃
105℃
-40℃
25℃
85℃
105℃
50
60
70
80
90
100
110
120
130
140
150
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE[V]
5V
30V
36V
50
60
70
80
90
100
110
120
130
140
150
-50
-25
0
255075
100
125
AMBIENT TEMPERATURE[℃]
3V
5V
30V
36V
3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com