Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2902FV Datasheet(PDF) 21 Page - Rohm

Part # BA2902FV
Description  Ground Sense Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902FV Datasheet(HTML) 21 Page - Rohm

Back Button BA2902FV Datasheet HTML 17Page - Rohm BA2902FV Datasheet HTML 18Page - Rohm BA2902FV Datasheet HTML 19Page - Rohm BA2902FV Datasheet HTML 20Page - Rohm BA2902FV Datasheet HTML 21Page - Rohm BA2902FV Datasheet HTML 22Page - Rohm BA2902FV Datasheet HTML 23Page - Rohm BA2902FV Datasheet HTML 24Page - Rohm BA2902FV Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
21/52
23.Jan.2014 Rev.003
TSZ22111・15・001
BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx
BA2902xx, BA2902Sxx
0
10
20
30
40
-50
-25
0
255075
100
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
○BA10324A
(*) The above data is measurement value of typical sample, it is not guaranteed.
15V
3V
5V
32V
3V
5V
85℃
25℃
-40℃
Figure 34.
Output Sink Current - Ambient Temperature
(OUT=VCC)
Figure 35.
Low Level Sink Current - Supply Voltage
(OUT=0.2V)
Figure 36.
Low Level Sink Current - Ambient Temperature
(OUT=0.2V)
Figure 37.
Input Offset Voltage - Supply Voltage
(VICM=0V, OUT=1.4V)
85℃
25℃
-40℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com