Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM333K Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM333K
Description  3-Ampere Adjustable Negative Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM333K Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM333K Datasheet HTML 1Page - National Semiconductor (TI) LM333K Datasheet HTML 2Page - National Semiconductor (TI) LM333K Datasheet HTML 3Page - National Semiconductor (TI) LM333K Datasheet HTML 4Page - National Semiconductor (TI) LM333K Datasheet HTML 5Page - National Semiconductor (TI) LM333K Datasheet HTML 6Page - National Semiconductor (TI) LM333K Datasheet HTML 7Page - National Semiconductor (TI) LM333K Datasheet HTML 8Page - National Semiconductor (TI) LM333K Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics LM333 (Continued)
Specifications with standard typeface are for T
J = 25˚C, and those with boldface type apply over the full operating temperature
range. (Note 3)
Parameter
Conditions
Typical
Min
Max
Units
(Note 2)
(Note 2)
Line Regulation
3V
≤ |V
IN −VOUT| ≤ 35V
0.01
0.04
% /V
I
OUT = 50 mA (Note 4)
0.02
0.07
Load Regulation
10 mA
≤ I
L ≤ 3A, P ≤ PMAX
0.2
1.0
%
(Notes 4, 5)
0.4
1.5
Thermal Regulation
10 ms Pulse
0.002
0.02
% /W
Temperature Stability
T
MIN ≤ TJ ≤ TMAX
0.5
%
Long Term Stability
T
J = 125˚C, 1000 Hours
0.2
%
Adjust Pin Current
65
95
µA
70
100
Adjust Pin Current
10 mA
≤ I
L ≤ 3A
2.5
8
µA
Change
3.0V
≤ |V
IN −VOUT| ≤ 35V
Minimum Load
|V
IN −VOUT| ≤ 35V
2.5
10
mA
Current
|V
IN −VOUT| ≤ 10V
1.5
5.0
Current Limit
3V
≤ |V
IN −VOUT| ≤ 10V
3.9
3.0
(Note 5)
|V
IN −VOUT| = 20V
2.4
1.0
A
|V
IN −VOUT| = 30V
0.4
0.20
Output Noise
10 Hz to 10 kHz
0.003
% (rms)
(% of V
OUT)
Ripple Rejection
V
OUT = 10V, f = 120 Hz
C
ADJ =
0µF
60
dB
C
ADJ = 10 µF
77
Thermal Resistance
TO-3 Package (K STEEL)
1.2
1.8
˚C/W
Junction to Case
TO-220 Package (T)
3
4
Thermal Shutdown
163
˚C
Temperature
Thermal Resistance
K Package
35
Junction to Ambient
T Package
50
˚C/W
(No Heatsink)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
outside of its stated operating conditions.
Note 2: All limits are guaranteed at either room temperature (standard type face) or at temperature extremes (bold typeface) by production testing or correlation
techniques using standard Statistical Quality Control (SQC) methods.
Note 3: Unless otherwise specified: |VIN −VOUT| = 5V, IOUT = 0.5A, PDISS ≤ 30W.
Note 4: Load and line regulation are measured at constant junction temperature, using low duty cycle pulse testing (output voltage changes due to heating effects
are covered by the Thermal Regulation specification). For the TO-3 package, load regulation is measured on the output pin, 1⁄8" below the base of the package.
Note 5: The output current of the LM333 is guaranteed to be
≥ 3A in the range 3V ≤ |VIN −VOUT| ≤ 10V. For the range 10V ≤ |VIN −VOUT| ≤ 15V, the guaranteed
minimum output current is equal to: 30/ (VIN −VOUT). Refer to graphs for guaranteed output currents at other voltages.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com