Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC182015-2 Datasheet(PDF) 11 Page - Microchip Technology

Part # AC182015-2
Description  ZENA??Wireless Adapter User?셲 Guide
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC182015-2 Datasheet(HTML) 11 Page - Microchip Technology

Back Button AC182015-2 Datasheet HTML 7Page - Microchip Technology AC182015-2 Datasheet HTML 8Page - Microchip Technology AC182015-2 Datasheet HTML 9Page - Microchip Technology AC182015-2 Datasheet HTML 10Page - Microchip Technology AC182015-2 Datasheet HTML 11Page - Microchip Technology AC182015-2 Datasheet HTML 12Page - Microchip Technology AC182015-2 Datasheet HTML 13Page - Microchip Technology AC182015-2 Datasheet HTML 14Page - Microchip Technology AC182015-2 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
ZENA™ WIRELESS ADAPTER
USER’S GUIDE
© 2011-2012 Microchip Technology Inc.
DS70664B-page 11
Chapter 1. Overview
1.1
INTRODUCTION
The ZENA Wireless Adapter is a multi-function USB wireless adapter connecting
USB-equipped desktop or notebook computers with Microchip wireless products for
development or application uses. As a development tool, the ZENA Wireless Adapter
can be used as a protocol analyzer or as a diagnostic tool. It can also be used to
connect the computer as a wireless node to the network for application uses. The
ZENA Wireless Adapter is capable of performing a variety of functions and each
function can be programmed into the adapter using the built in USB boot loader.
Additional software and firmware updates can be downloaded from the Microchip web
site: http://www.microchip.com/zena.
This chapter discusses:
• ZENA Wireless Adapter Package Contents
• ZENA Wireless Adapter Description
• Regulatory Statements
1.2
ZENA WIRELESS ADAPTER PACKAGE CONTENTS
Depending on the frequency and device type ZENA Wireless Adapter ordered, the
package may contain one of the following listed in Table 1-1.
TABLE 1-1:
ZENA™ WIRELESS ADAPTER
1.3
ZENA WIRELESS ADAPTER DESCRIPTION
The ZENA Wireless Adapters are shown in Figure 1-1.
Description
Part Number
ZENA™ Wireless Adapter – 2.4 GHz MRF24J40
AC182015-1
ZENA Wireless Adapter – 868 MHz MRF89XA
AC182015-2
ZENA Wireless Adapter – 915 MHz MRF89XA
AC182015-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com