Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM-7EW Datasheet(PDF) 2 Page - Copal Electronics

Part # TM-7EW
Description  3 TURNS CERMET TRIMMERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TM-7EW Datasheet(HTML) 2 Page - Copal Electronics

  TM-7EW Datasheet HTML 1Page - Copal Electronics TM-7EW Datasheet HTML 2Page - Copal Electronics TM-7EW Datasheet HTML 3Page - Copal Electronics TM-7EW Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TM-7
CERMET TRIMMERS
Test item
Test conditions
Specifications
Thermal shock
Humidity
Shock
Vibration
Load life
Low temp. operation
High temp. exposure
Immersion seal
Soldering heat
Nominal resistance range
Resistance tolerance
Power ratings
Resistance law
Maximum input voltage
Maximum wiper current
Effective electrical turn
End resistance
C.R.V.
Operating temp. range
Temp. coefficient
Insulation resistance
Dielectric strength
Net weight
Mechanical turn
Operating torque
Mechanical stop
Rotational life
Thrust to shaft
Solderability
Terminal strength
1
2
3
2
1
3
1
2
3
2
3
1
Adjustment
position
Pieces in
package
Form of packaging
Plastic bag
Shape of terminal
(Top view)
※The above part numbers are all available as the standard item respectively
with the combination of <Nominal resistance values> (Fig. 1).
※Verify the above part numbers when placing orders.
■ LIST OF PART NUMBERS
Top adjustment
Side adjustment
( ↑ Adjustment
direction)
TM-7EP
TM-7EW
TM-7ES
TM-7EX
50 pcs./pack
<Nominal resistance values>
50
Ω
100
Ω
200
Ω
500
Ω
1 k
Ω
2 k
Ω
5 k
Ω
10 k
Ω
20 k
Ω
50 k
Ω
100 k
Ω
200 k
Ω
500 k
Ω
1 M
Ω
2 M
Ω
Δ R/R:Change in total resistance
S.S.
:Setting stability
■ ELECTRICAL CHARACTERISTICS
■ MECHANICAL CHARACTERISTICS
50
Ω ~ 2 MΩ
± 10 %
0.5 W (70 °C) 0 W (120 °C)
(B)Linear law
DC300 V or power rating, whichever is smaller
100 mA or power rating, whichever is smaller
2.5 turns
1 % or 2
Ω, whichever is greater
1 % or 3
Ω, whichever is greater
−55 ~ 120 °C
± 100 10-6/°C maximum
1000 M
Ω minimum (DC500 V)
AC900 V, 60 s
Approx. 0.50 g (TM-7EP, EW)
Approx. 0.69 g (TM-7ES, EX)
3 turns
20 mN·m {204 gf·cm} maximum
Clutch action
200 cycles
ΔR/R ≦
± (2 Ω +3 %)
10 N {1.02 kgf} minimum
245
± 3 °C, 2 ~ 3 s
10 N {1.02 kgf} minimum
(Tensile strength)
■ ENVIRONMENTAL CHARACTERISTICS
−65 ~ 125 °C (0.5 h), 5 cycles
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
−10 ~ 65 °C (80 ~ 98 %),
10 cycles, 240 h
[
ΔR/R ≦ 2 %]
981 m/s
2, 6 ms
6 directions for 3 times each
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
(Amplitude) 1.52 mm or
(Acceleration) 196 m/s
2,
10 ~ 2000 Hz, 3 directions, 12 times each
70 °C, 0.5 W, 1000 h
[
ΔR/R ≦ 3 %]
[S.S.
≦ 1 %]
−55 °C, 2 h
[
ΔR/R ≦ 2 %]
[S.S.
≦ 2 %]
120 °C, 250 h
[
ΔR/R ≦ 3 %]
[S.S.
≦ 2 %]
85 °C, 60 s
No leaks (No continuous bubbles)
[
ΔR/R ≦ 1 %]
Fig. 1
{ }:Reference only
Flow
260 ± 3 °C, 5 ~ 6 s, two times maximum
Manual soldering
380 ± 10 °C, 3 ~ 4 s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com