Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP1-01-L2 Datasheet(PDF) 2 Page - Copal Electronics

Part # TP1-01-L2
Description  Ultra-Miniature Pushbutton Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TP1-01-L2 Datasheet(HTML) 2 Page - Copal Electronics

  TP1-01-L2 Datasheet HTML 1Page - Copal Electronics TP1-01-L2 Datasheet HTML 2Page - Copal Electronics TP1-01-L2 Datasheet HTML 3Page - Copal Electronics TP1-01-L2 Datasheet HTML 4Page - Copal Electronics TP1-01-L2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TP/TPL
Part No.
Switching function
Circuit diagrams
TP1
−01□
ON
(ON)
TPL1
−01
ON
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
Part No.
Switching function
Circuit diagrams
TP2
−01□
ON
(ON)
TPL2
−01□
ON
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
Part No.
Switching function
Circuit diagrams
TP2
−01□−L■
ON
(ON)
TPL2
−01□−L■
ON
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
LED circuit
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Neither the button nor the mounting frame
can be mounted.
TP1
・TPL1(Without LED)
TP2
・TPL2(Without LED)
TP2
・TPL2(With LED)
Total travel
(1.5)
Latch position
(1)
Total travel
(1.5)
Latch position
(1)
■3,+ :WLJPÄJH[PVUZ
(TP2・TPL2)
Symbol
Color
Forward Current
(IF
Forward V
(VF
Reverse Voltage
(VR
nom.
max.
L2
Red
30mA
2.0V
2.5V
DC5V
L5
Green
25mA
2.2V
2.5V
DC5V
L8
Yellow
30mA
2.1V
2.5V
DC5V
■ PC Hole Layouts
          
(Top view)
Type
without LED
with LED
Dimensions
The blue line represents the switch outline.
(ON)
:Momentary
□:Contact plating code (Silver/Gold)
■:LED color code
Dimensions with color button and mounting frame
TP2
TPL2
Button
Dimension A
Dimension B
Dimension C DDimension D
□10
□10
□12.5
6
6.5
φ10
φ10
φ12.5
6
6.5
□7.5
□7.5
□10
6
6.5
φ7.5
φ7.5
φ10
5.3
7.2
Note: Neither the button nor the mounting frame can be
mounted on to TP1 and TPL1.
□■:Refer to Table of Part Numbers on P.181 for a full list of part numbers.
Total travel
(1.5)
Latch position
(1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com