Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2000 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2000
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000 Datasheet(HTML) 5 Page - Texas Instruments

  TSC2000 Datasheet HTML 1Page - Texas Instruments TSC2000 Datasheet HTML 2Page - Texas Instruments TSC2000 Datasheet HTML 3Page - Texas Instruments TSC2000 Datasheet HTML 4Page - Texas Instruments TSC2000 Datasheet HTML 5Page - Texas Instruments TSC2000 Datasheet HTML 6Page - Texas Instruments TSC2000 Datasheet HTML 7Page - Texas Instruments TSC2000 Datasheet HTML 8Page - Texas Instruments TSC2000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
www.ti.com
TSC2000
SBAS257
TYPICAL CHARACTERISTICS
At TA = +25°C, +VDD = +2.7V, conversion clock = 2MHz, 12-bit mode. Internal VREF = +2.5V, unless otherwise noted.
CONVERSION SUPPLY CURRENT vs TEMPERATURE
(AUX1 Conversion, No Averaging,
No REF Power-Down, 20
µs Conversion)
0
–60
100
–40
–20
20
Temperature (
°C)
2
1.95
1.9
1.85
1.8
1.75
40
60
80
POWER-DOWN SUPPLY CURRENT
vs TEMPERATURE
0
–60
100
–40
–20
20
Temperature (
°C)
7
6
5
4
3
2
1
0
40
60
80
POWER-DOWN SUPPLY CURRENT vs
SUPPLY VOLTAGE
2.9
2.5
3.7
3.1
Supply Voltage (V)
0.12
0.11
0.1
0.09
0.08
0.07
0.06
3.3
3.5
2.7
INTERNAL OSCILLATOR FREQUENCY vs V
DD
3.1
2.5
3.7
2.7
3.3
V
DD (V)
8.3
8.25
8.2
8.15
8.1
8.05
8
7.95
7.9
7.85
7.8
3.5
2.9
CHANGE IN GAIN ERROR vs TEMPERATURE
0
–60
100
–40
–20
20
Temperature (
°C)
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
40
60
80
CHANGE IN OFFSET ERROR vs TEMPERATURE
0
–60
100
–40
–20
20
Temperature (
°C)
40
60
80
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com