Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTV200 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # UTV200
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

UTV200 Datasheet(HTML) 1 Page - Advanced Semiconductor

  UTV200 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 40 mA
28
V
BVCES
IC = 20 mA
50
V
BVEBO
IE = 10 mA
4.0
V
ICBO
VCB = 30 V
50
mA
hFE
VCE = 5.0 V
IC = 1.0 A
10
150
---
Cob
VCB = 26 V
f = 1.0 MHz
36
pF
PG
VSRW
VCE = 26 V
POUT = 20 W
f = 470 - 860
MHz
8.5
9.5
3:1
dB
---
NPN SILICON RF POWER TRANSISTOR
UTV200
DESCRIPTION:
The
ASI UTV200 is Designed for
Class A. UHF Television Applications
up to 860 MHz.
FEATURES INCLUDE:
• Internal Input Matching
• Gold Metalization
• Emitter Ballasting
MAXIMUM RATINGS
IC
4.5 A
VCE
28 V
PDISS
80 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθθθ
JC
1.2
OC/W
PACKAGE STYLE .420 4L FLG.
1 = COLLECTOR
2 = EMITTER
3 = BASE


Similar Part No. - UTV200

ManufacturerPart #DatasheetDescription
logo
GHz Technology
UTV200 GHZTECH-UTV200 Datasheet
265Kb / 3P
COMMON EMITTER transistor 20 Watts, 26.5 Volts, Class A UHF Television - Band IV & V
More results

Similar Description - UTV200

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com