Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16803GS Datasheet(PDF) 2 Page - NEC

Part # UPD16803GS
Description  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16803GS Datasheet(HTML) 2 Page - NEC

  UPD16803GS Datasheet HTML 1Page - NEC UPD16803GS Datasheet HTML 2Page - NEC UPD16803GS Datasheet HTML 3Page - NEC UPD16803GS Datasheet HTML 4Page - NEC UPD16803GS Datasheet HTML 5Page - NEC UPD16803GS Datasheet HTML 6Page - NEC UPD16803GS Datasheet HTML 7Page - NEC UPD16803GS Datasheet HTML 8Page - NEC UPD16803GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
µPD16803
2
ORDERING INFORMATION
Part Number
Package
µPD16803GS
20-pin plastic SOP (300 mil)
BLOCK DIAGRAM
OSC
CIRCUIT
BAND GAP
REFERENCE
CHARGE
PUMP
LEVEL CONTROL
CIRCUIT
SWITCH
CIRCUIT
CONTROL
CIRCUIT
LEVEL
SHIFT
“H”
BRIDGE 2
“H”
BRIDGE 1
0.01 F
µ
0.01 F
µ
0.01 F
µ
VDD
RX
VG
2
× VDD + VM
VM1
VM
VM2
1A
1B
2A
2B
PGND
PGND
C1L
C2L
C1H
C2H
Connected in diffusion layer
Note 3
Note 2
PS
IN1
IN2
INC
DGND
Note 1
Notes 1. 3
× VDD where VM ≤ VDD
2. The power-saving mode is set when the PS pin goes high. In this mode, the voltage of the charge pump
circuit is lowered and the ON resistance of the H bridge driver transistor increases, limiting the current.
In the power-saving mode, the motor cannot turn.
3. It is recommended to connect an external capacitor of 0.22
µF or more between VM and GND to stabilize
the operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com