Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N.FL-R-SMT-1 Datasheet(PDF) 5 Page - Hirose Electric

Part # N.FL-R-SMT-1
Description  Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

N.FL-R-SMT-1 Datasheet(HTML) 5 Page - Hirose Electric

  N.FL-R-SMT-1 Datasheet HTML 1Page - Hirose Electric N.FL-R-SMT-1 Datasheet HTML 2Page - Hirose Electric N.FL-R-SMT-1 Datasheet HTML 3Page - Hirose Electric N.FL-R-SMT-1 Datasheet HTML 4Page - Hirose Electric N.FL-R-SMT-1 Datasheet HTML 5Page - Hirose Electric N.FL-R-SMT-1 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
N.FL Series
●Lightweight SMT Miniature Coaxial Connectors – 1.4 mm Mated Height
■Conversion Adapters
●SMA Conversion Adapter
Note: When mating with corresponding part (N.FL-SMT-
1) must be pressed down and held to make
complete connection.
Part Number
HRMJ-N.FLP-ST5
CL No.
RoHS
YES
311-0423-2
Part Number
HRMP-U.FLJ(40)
CL No.
RoHS
YES
311-0301-5-40
Part Number
HRMJ-U.FLP(40)
CL No.
RoHS
YES
311-0300-2-40
All dimensions: mm
All dimensions: mm
All dimensions: mm
(18.3)
5.5
6
1/4-36UNS-2A
(4)
This jig is used for extraction from a mating condition.
U. FL/
90
50
All dimensions: mm
Part Number
U.FL-LP(V)-N-2
RoHS
YES
CL No.
331-0493-2
■Plug extraction tool
●SMA Conversion Adapter
(N.FL / U.FL side plug - SMA side jack)
Note: The U.FL side mating portions has a lower lock
retention force than the regular product, therefore,
cannot be used for purposes other than performance
measurements.
14.05
1/4-36UNS-2A
6
5.6
(4.05)
●SMA Conversion Adapter
(N.FL / U.FL side jack - SMA side plug)
Note: The U.FL side mating portions has a lower lock
retention force than the regular product, therefore,
cannot be used for purposes other than performance
measurements.
(10.7)
8HEX
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com