Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP70 Datasheet(PDF) 1 Page - CUI INC

Part # CP70
Description  PELTIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP70 Datasheet(HTML) 1 Page - CUI INC

  CP70 Datasheet HTML 1Page - CUI INC CP70 Datasheet HTML 2Page - CUI INC CP70 Datasheet HTML 3Page - CUI INC CP70 Datasheet HTML 4Page - CUI INC CP70 Datasheet HTML 5Page - CUI INC CP70 Datasheet HTML 6Page - CUI INC CP70 Datasheet HTML 7Page - CUI INC CP70 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
cui.com
date 09/02/2016
page 1 of 8
SERIES: CP70
│ DESCRIPTION: PELTIER MODULE
FEATURES
• solid state device
• precise temperature control
• quiet operation
MODEL
input
voltage1
input
current2
output
Qmax3
output
∆Tmax4
max
(Vdc)
max
(A)
T
h=27°C
(W)
T
h=50°C
(W)
T
h=27°C
(°C)
T
h=50°C
(°C)
CP70137
2.1
7.0
7.5
8.3
68
75
CP70237
3.8
7.0
13.6
15.1
68
75
CP70301537
4.2
7.0
15.4
17.1
68
75
CP70337
8.6
7.0
31.0
34.6
68
75
CP70437
15.4
7.0
55.0
60.5
68
75
Notes:
1.MaximumvoltageatΔTmaxandT
h=27°C
2.MaximumcurrenttoachieveΔTmax
3. Maximum heat absorbed at cold side occurs at I
max, Vmax,and∆T=0°C
4. Maximum temperature difference occurs at I
max, Vmax,andQ=0W(ΔTmaxmeasuredinavacuumat1.3Pa)
PART NUMBER KEY
Base Number
CP70 XXXX 37
Length x Width:
1 = 15 x 15 mm
2 = 20 x 20 mm
3 = 30 x 30 mm
4 = 40 x 40 mm
3015 = 30 x 15 mm
For more information, please visit the product page.


Similar Part No. - CP70

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP701 CENTRAL-CP701 Datasheet
68Kb / 1P
Small Signal Transistors PNP - High Voltage Transistor Chip
CP701-2N5416-CT CENTRAL-CP701-2N5416-CT Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
CP701-2N5416-CT CENTRAL-CP701-2N5416-CT Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
logo
CUI INC
CP70137 CUI-CP70137 Datasheet
724Kb / 8P
PELTIER MODULE
CP70237 CUI-CP70237 Datasheet
724Kb / 8P
PELTIER MODULE
More results

Similar Description - CP70

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
PELTIER MODULE
CP35 CUI-CP35 Datasheet
714Kb / 8P
PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
PELTIER MODULE
CP120 CUI-CP120 Datasheet
297Kb / 4P
PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
PELTIER MODULE
11/09/2020
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
PELTIER MODULE
11/17/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
PELTIER MODULE
10/18/2019
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
PELTIER MODULE
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com