Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP60139H Datasheet(PDF) 2 Page - CUI INC

Part # CP60139H
Description  PELTIER MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP60139H Datasheet(HTML) 2 Page - CUI INC

  CP60139H Datasheet HTML 1Page - CUI INC CP60139H Datasheet HTML 2Page - CUI INC CP60139H Datasheet HTML 3Page - CUI INC CP60139H Datasheet HTML 4Page - CUI INC CP60139H Datasheet HTML 5Page - CUI INC CP60139H Datasheet HTML 6Page - CUI INC CP60139H Datasheet HTML 7Page - CUI INC CP60139H Datasheet HTML 8Page - CUI INC CP60139H Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
cui.com
date 09/08/2016
│ page 2 of 10
CUI Inc
│ SERIES: CP60H │ DESCRIPTION: PELTIER MODULE
COLD SIDE
HOT SIDE
0.05
0.05
THICKNESS
COLD SIDE
Black (-)
Red (+)
WIDTH
LENGTH
100.0 5.0
10.0 3.0
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
internal resistance1
CP60131H
CP60231H
CP603315H
CP60139H
CP60239H
CP603395H
CP604395H
0.405
0.945
1.71
0.27
0.495
1.125
1.98
0.45
1.05
1.90
0.30
0.55
1.25
2.2
0.495
1.155
2.09
0.33
0.605
1.375
2.42
Ω
Ω
Ω
Ω
Ω
Ω
Ω
solder melting temperature
connection between thermoelectric pairs
235
°C
assembly compression
1
MPa
hot side plate
80
°C
RoHS
2011/65/EU
Note:
1. Measured by AC 4-terminal method at 25°C
MECHANICAL DRAWING
units: mm
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP60131H
15 ±0.3
15 ±0.3
3.1 ±0.025
CP60231H
20 ±0.3
20 ±0.3
3.1 ±0.025
CP603315H
30 ±0.3
30 ±0.3
3.15 ±0.025
CP60139H
15 ±0.3
15 ±0.3
3.9 ±0.025
CP60239H
20 ±0.3
20 ±0.3
3.9 ±0.025
CP603395H
30 ±0.3
30 ±0.3
3.95 ±0.025
CP604395H
40 ±0.3
40 ±0.3
3.95 ±0.025
MATERIAL
PLATING
ceramic plate
96% AL
2O3
wire leads
(3.1 & 3.15 mm
models)
22AWG
tin
wire leads
(3.9 & 3.95 mm
models)
20AWG
tin
sealer
siliconrubber703RTV(betweencold
and hot side plates)
joint cover
siliconrubber703RTV
marking
P/N & S/N printed on cold side
surface
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com