Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3231D Datasheet(PDF) 10 Page - Micronas

Part # VPC3231D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3231D Datasheet(HTML) 10 Page - Micronas

Back Button VPC3231D Datasheet HTML 6Page - Micronas VPC3231D Datasheet HTML 7Page - Micronas VPC3231D Datasheet HTML 8Page - Micronas VPC3231D Datasheet HTML 9Page - Micronas VPC3231D Datasheet HTML 10Page - Micronas VPC3231D Datasheet HTML 11Page - Micronas VPC3231D Datasheet HTML 12Page - Micronas VPC3231D Datasheet HTML 13Page - Micronas VPC3231D Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
10
Micronas
2.3.1. IF-Compensation
With off-air or mistuned reception, any attenuation at
higher frequencies or asymmetry around the color
subcarrier is compensated. Four different settings of
the IF-compensation are possible (see Fig. 2–3):
– flat (no compensation)
– 6 dB/octave
–12 dB/octave
–10 dB/MHz
The last setting gives a very large boost to high fre-
quencies. It is provided for SECAM signals that are
decoded using a SAW filter specified originally for the
PAL standard.
Fig. 2–3: Frequency response of chroma IF-com-
pensation
2.3.2. Demodulator
The entire signal (which might still contain luma) is
quadrature-mixed to the baseband. The mixing fre-
quency is equal to the subcarrier for PAL and NTSC,
thus achieving the chroma demodulation. For SECAM,
the mixing frequency is 4.286 MHz giving the quadra-
ture baseband components of the FM modulated
chroma. After the mixer, a lowpass filter selects the
chroma components; a downsampling stage converts
the color difference signals to a multiplexed half rate
data stream.
The subcarrier frequency in the demodulator is gener-
ated by direct digital synthesis; therefore, substan-
dards such as PAL 3.58 or NTSC 4.43 can also be
demodulated.
2.3.3. Chrominance Filter
The demodulation is followed by a lowpass filter for the
color difference signals for PAL/NTSC. SECAM re-
quires a modified lowpass function with bell-filter char-
acteristic. At the output of the lowpass filter, all luma
information is eliminated.
The lowpass filters are calculated in time multiplex for
the two color signals. Three bandwidth settings (nar-
row, normal, broad) are available for each standard
(see Fig. 2–5). For PAL/NTSC, a wide band chroma fil-
ter can be selected. This filter is intended for high
bandwidth chroma signals, e.g. a nonstandard wide
bandwidth S-VHS signal.
Fig. 2–4: Color decoder
MHz
dB
ColorPLL/ColorACC
1 H Delay
CrossSwitch
Notch
Filter
Luma / CVBS
Luma
Chroma
MIXER
Lowpass Filter
Phase/Freq
Demodulator
ACC
Chroma
IF Compensation
DC-Reject



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com