Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDQ30-D Datasheet(PDF) 5 Page - CUI INC

Part # PDQ30-D
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQ30-D Datasheet(HTML) 5 Page - CUI INC

  PDQ30-D Datasheet HTML 1Page - CUI INC PDQ30-D Datasheet HTML 2Page - CUI INC PDQ30-D Datasheet HTML 3Page - CUI INC PDQ30-D Datasheet HTML 4Page - CUI INC PDQ30-D Datasheet HTML 5Page - CUI INC PDQ30-D Datasheet HTML 6Page - CUI INC PDQ30-D Datasheet HTML 7Page - CUI INC PDQ30-D Datasheet HTML 8Page - CUI INC PDQ30-D Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
cui.com
date 07/12/2016
│ page 5 of 9
CUI Inc
│ SERIES: PDQ30-D │ DESCRIPTION: DC-DC CONVERTER
DERATING CURVE
Ambient Temperature (°C)
-40
60
80
100
40
20
-20
020406080
Temperature Derating Curve
(Natural Convention)
120
100
55
105
60
70
80
90
100
9 Vdc
12 Vdc
24 Vdc
36 Vdc
Load Current (%)
10
20
30
40
50
60
70
80
90
100
EFFICIENCY CURVES
PDQ30-Q24-S3-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
9 Vdc
12 Vdc
24 Vdc
36 Vdc
Load Current (%)
10
20
30
40
50
60
70
80
90
100
60
70
80
90
100
PDQ30-Q24-S15-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
9 Vdc
12 Vdc
24 Vdc
36 Vdc
60
70
80
90
100
Load Current (%)
10
20
30
40
50
60
70
80
90
100
PDQ30-Q24-S12-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
9 Vdc
12 Vdc
24 Vdc
36 Vdc
60
70
80
90
100
Load Current (%)
10
20
30
40
50
60
70
80
90
100
PDQ30-Q24-D12-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com