Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT8043 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WT8043
Description  Synchronous Signal discriminator for Multi-Sync Display Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8043 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WT8043 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
WT8043
Weltrend
Semiconductor,
Inc.
2F., No. 24, Industry E. 9th Rd.
Science-Based Industrial Park
Hsin-Chu, Taiwan, R.O.C.
Tel:
886-35-780241
Fax: 886-35-770419
2
Ordering Information
Part No. WT8043N16 WT8043N20P1 WT8043N20P4 WT8043N20P7 WT8043N20P8 WT8043N24
Package
P-DIP 16L
P-DIP 20L
P-DIP 20L
P-DIP 20L
P-DIP 20L
P-DIP 24L
(skinny type)
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
OSCin
HSin
OSCout
VSin
H_out
V_out
VDD
WT8043N20P1
F45K
F36K
Vss
640x400
640x480
800x600(48K)
17
18
19
20
800x600(37.5K)
800x600(35K)
1024x768(57K)
1024x768 (I)
F52K
640x350
1024x768 (NI)
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
OSCin
HSin
OSCout
VSin
H_out
V_out
VDD
WT8043N20P4
F45K
F36K
Vss
F33K
640x400
640x480
800x600(48K)
17
18
19
20
800x600(37.5K)
800x600(35K)
1024x768(57K)
1024x768 (I)
640x350
1024x768 (NI)
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
OSCin
HSin
OSCout
VSin
H_out
V_out
VDD
WT8043N20P7
F45K
F36K
Vss
F52K
640x400
640x480
800x600(48K)
17
18
19
20
800x600(37.5K)
800x600(35K)
1024x768(57K)
1024x768 (I)
NEC
1024x768 (NI)
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
OSCin
HSin
OSCout
VSin
H_out
V_out
VDD
WT8043N20P8
F45K
F36K
Vss
F33K
640x400
640x480
800x600(48K)
17
18
19
20
800x600(46.8K,75)
800x600(37.5K)
1024x768(60K,75)
1024x768(I)
640x350
1024x768(57K)
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
OSCin
HSin
OSCout
VSin
H_out
V_out
VDD
WT8043N16
F36K
Vss
F33K
640x400
640x480
800x600(37.5K)
800x600(35K)
1024x768 (I)
640x350
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com