Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN52-I Datasheet(PDF) 2 Page - Microchip Technology

Part # RN52-I
Description  Bluetooth Audio Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52-I Datasheet(HTML) 2 Page - Microchip Technology

  RN52-I Datasheet HTML 1Page - Microchip Technology RN52-I Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Standard
Bluetooth 3.0
StandardProfiles
A2DP, AVRCP, SPP, HFP/HSP, iAP
Frequency
2.4 ~ 2.48 GHz
ModulationMethod
GFSK, PI/4-DQPSK, 8 DPSK
MaximumDataRate
3 Mbps burst mode, 1.5 Mbps sustained
RFInputImpedance
50 ohms
Interface
UART, USB, Bluetooth, GPIO
OperationRange
Class 2: 10 meters (33 feet)
Sensitivity
-85 dBm at 0.1 % BER
RFTXPower
+4 dBm (typical)
SPECIFICATIONS
EVALUATIONKIT
ORDERINGINFORMATION
BLOCK
DIAGRAM
PHYSICALDIMENSIONS
RN52-I/RM Bluetooth Audio Module: Product Brief
102 Cooper Court | Los Gatos, CA 95032 | +1 408 395-5300
www.rovingnetworks.com
RF Shield
2.7 mm
RN52-I/RM
Top View
26.0000
Audio DSP
16-Bit Stereo
CODEC
PCB Antenna
16-Bit RISC MCU
16-MBit Flash
Bluetooth 3.0
RF Baseband
UART
USB
SPI
PCM
11xPIO
1xAIO
2xLED
RN52-I/RM
Firmware Updates
Volume Up
Pause/Play
Dual Channel
Audio Inputs
Audio In – 3.5mm TRR
Audio Out – 3.5mm TRR
Volume Down
Next Track
GPIOs
Previous Track
Differential Audio In/Out
Status LEDs
USB to UART
(SPP & CMD Mode)
Power-On /
Pairing Mode
UART, PCM, I2S,
S/PDIF, GPIO
PartNumber
Description
RN52-I/RM
Bluetooth 3.0 Class 2 surface mount audio module with PCB
trace antenna
RN52APL-I/RM
Bluetooth 3.0 Class 2 surface mount audio module with PCB
trace antenna, supports A2DP, SPP profiles with additional
support for iAP data communication
RN52APT-I/RM
Bluetooth 3.0 Class 2 surface mount audio module with
aptX™ codec (decode), PCB trace antenna
RN-52-EK
Evaluation kit for the RN52 audio Bluetooth module - includes
evaluation board, USB cable, and 2 USB mini-speakers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com