Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN1810 Datasheet(PDF) 17 Page - Microchip Technology

Part # RN1810
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1810 Datasheet(HTML) 17 Page - Microchip Technology

Back Button RN1810 Datasheet HTML 13Page - Microchip Technology RN1810 Datasheet HTML 14Page - Microchip Technology RN1810 Datasheet HTML 15Page - Microchip Technology RN1810 Datasheet HTML 16Page - Microchip Technology RN1810 Datasheet HTML 17Page - Microchip Technology RN1810 Datasheet HTML 18Page - Microchip Technology RN1810 Datasheet HTML 19Page - Microchip Technology RN1810 Datasheet HTML 20Page - Microchip Technology RN1810 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS50002460A-page 17
RN1810/RN1810E
FIGURE 3-3:
SIMULATED TWO-DIMENSIONAL RADIATION PATTERN
Name
Theta
Angle
Mag.
Curve Information
Average
m1
-60.0000
-60.0000
0.6323
dB (Gain Total)
Setup 1: Last Adaptive
Freq. = “2.44 GHz” Phi = “0 deg”
0.0097
m2
-20.0000
-20.0000
0.3962
m3
30.0000
30.0000
-0.1038
m4
100.0000 100.0000 -0.9490
dB (Gain Total)
Setup 2: Last Adaptive
Freq. = “2.44 GHz” Phi = “0 deg”
-3.2020
m5
170.0000 170.0000 -0.1414
Radiation Pattern 1
Two-dimensional (2D) pattern, including the average on main radiation planes (Phi = 0 and 90 degrees).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com