Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM135H Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM135H
Description  Precision Temperature Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM135H Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM135H Datasheet HTML 1Page - National Semiconductor (TI) LM135H Datasheet HTML 2Page - National Semiconductor (TI) LM135H Datasheet HTML 3Page - National Semiconductor (TI) LM135H Datasheet HTML 4Page - National Semiconductor (TI) LM135H Datasheet HTML 5Page - National Semiconductor (TI) LM135H Datasheet HTML 6Page - National Semiconductor (TI) LM135H Datasheet HTML 7Page - National Semiconductor (TI) LM135H Datasheet HTML 8Page - National Semiconductor (TI) LM135H Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Typical Performance Characteristics (Continued)
Application Hints
CALIBRATING THE LM135
Included on the LM135 chip is an easy method of calibrating
the device for higher accuracies. A pot connected across the
LM135 with the arm tied to the adjustment terminal allows a
1-point calibration of the sensor that corrects for inaccuracy
over the full temperature range.
This single point calibration works because the output of the
LM135 is proportional to absolute temperature with the ex-
trapolated output of sensor going to 0V output at 0˚K
(−273.15˚C). Errors in output voltage versus temperature are
only slope (or scale factor) errors so a slope calibration at
one temperature corrects at all temperatures.
The output of the device (calibrated or uncalibrated) can be
expressed as:
where T is the unknown temperature and T
o is a reference
temperature, both expressed in degrees Kelvin. By calibrat-
ing the output to read correctly at one temperature the output
at all temperatures is correct. Nominally the output is cali-
brated at 10 mV/˚K.
To insure good sensing accuracy several precautions must
be taken. Like any temperature sensing device, self heating
can reduce accuracy. The LM135 should be operated at the
lowest current suitable for the application. Sufficient current,
of course, must be available to drive both the sensor and the
calibration pot at the maximum operating temperature as
well as any external loads.
If the sensor is used in an ambient where the thermal resis-
tance is constant, self heating errors can be calibrated out.
This is possible if the device is run with a temperature stable
current. Heating will then be proportional to zener voltage
and therefore temperature. This makes the self heating error
proportional to absolute temperature the same as scale
factor errors.
WATERPROOFING SENSORS
Meltable inner core heat shrinkable tubing such as manufac-
tured by Raychem can be used to make low-cost waterproof
sensors. The LM335 is inserted into the tubing about 1⁄2"
from the end and the tubing heated above the melting point
of the core. The unfilled 1⁄2" end melts and provides a seal
over the device.
Typical Applications
Thermal Response in Stirred Oil Bath
DS005698-36
Forward Characteristics
DS005698-37
Basic Temperature Sensor
DS005698-2
Calibrated Sensor
DS005698-9
*Calibrate for 2.982V at 25˚C
Wide Operating Supply
DS005698-10
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com