Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393DG Datasheet(PDF) 7 Page - ON Semiconductor

Part # LM393DG
Description  Low Offset Voltage Dual Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM393DG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LM393DG Datasheet HTML 2Page - ON Semiconductor LM393DG Datasheet HTML 3Page - ON Semiconductor LM393DG Datasheet HTML 4Page - ON Semiconductor LM393DG Datasheet HTML 5Page - ON Semiconductor LM393DG Datasheet HTML 6Page - ON Semiconductor LM393DG Datasheet HTML 7Page - ON Semiconductor LM393DG Datasheet HTML 8Page - ON Semiconductor LM393DG Datasheet HTML 9Page - ON Semiconductor LM393DG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LM393, LM393E, LM293, LM2903, LM2903E, LM2903V, NCV2903
www.onsemi.com
7
ORDERING INFORMATION
Device
Operating Temperature
Range
Package
Shipping†
LM293DG
−25
°C to +85°C
SOIC−8
(Pb−Free)
98 Units / Rail
LM293DR2G
2500 / Tape & Reel
LM293DMR2G
Micro8
(Pb−Free)
4000 / Tape and Reel
LM393DG
0
°C to +70°C
SOIC−8
(Pb−Free)
98 Units / Rail
LM393DR2G
2500 / Tape & Reel
LM393EDR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
LM393NG
PDIP−8
(Pb−Free)
50 Units / Rail
LM393DMR2G
Micro8
(Pb−Free)
4000 / Tape and Reel
LM2903DG
−40
°C to +105°C
SOIC−8
(Pb−Free)
98 Units / Rail
LM2903DR2G
2500 / Tape & Reel
LM2903EDR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
LM2903DMR2G
Micro8
(Pb−Free)
4000 / Tape and Reel
LM2903NG
PDIP−8
(Pb−Free)
50 Units / Rail
LM2903VDG
−40
°C to +125°C
SOIC−8
(Pb−Free)
98 Units / Rail
LM2903VDR2G
2500 / Tape & Reel
LM2903VNG
PDIP−8
(Pb−Free)
50 Units / Rail
NCV2903DR2G*
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCV2903DMR2G*
Micro8
(Pb−Free)
4000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com