Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331 Datasheet(PDF) 5 Page - ON Semiconductor

Part # LMV331
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV331 Datasheet(HTML) 5 Page - ON Semiconductor

  LMV331 Datasheet HTML 1Page - ON Semiconductor LMV331 Datasheet HTML 2Page - ON Semiconductor LMV331 Datasheet HTML 3Page - ON Semiconductor LMV331 Datasheet HTML 4Page - ON Semiconductor LMV331 Datasheet HTML 5Page - ON Semiconductor LMV331 Datasheet HTML 6Page - ON Semiconductor LMV331 Datasheet HTML 7Page - ON Semiconductor LMV331 Datasheet HTML 8Page - ON Semiconductor LMV331 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LMV331, NCV331, LMV393, LMV339
http://onsemi.com
5
5.0 V DC ELECTRICAL CHARACTERISTICS (All limits are guaranteed for TA = 25°C, V+ = 5 V, V− = 0 V, VCM = 2.5 V unless
otherwise noted.)
Parameter
Symbol
Condition (Note 6)
Min
Typ
Max
Unit
Input Offset Voltage
VIO
TA = TLO to THIGH
1.7
9
mV
Input Offset Voltage Average Drift
TA = TLO to THIGH
5
mV/°C
Input Bias Current (Note 5)
IB
TA = TLO to THIGH
< 1
nA
Input Offset Current (Note 5)
IIO
TA = TLO to THIGH
< 1
nA
Input Voltage Range
VCM
0 to 4.2
V
Voltage Gain (Note 5)
AV
20
50
V/mV
Saturation Voltage
VSAT
TA = TLO to THIGH
200
400
700
mV
Output Sink Current
IO
VO ≤ 1.5 V
10
84
mA
Supply Current
LMV331
ICC
TA = TLO to THIGH
60
120
150
mA
Supply Current
LMV393
ICC
TA = TLO to THIGH
100
200
250
mA
Supply Current
LMV339
ICC
TA = TLO to THIGH
170
300
350
mA
Output Leakage Current (Note 5)
TA = TLO to THIGH
0.003
1
mA
5.0 V AC ELECTRICAL CHARACTERISTICS (TA = 25°C, V+ = 5 V, RL = 5.1 kW, V− = 0 V unless otherwise noted.)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Propagation Delay − High to Low
tPHL
Input Overdrive = 10 mV
Input Overdrive = 100 mV
1500
900
ns
Propagation Delay − Low to High
tPLH
Input Overdrive = 10 mV
Input Overdrive = 100 mV
800
200
ns
5. Guaranteed by design and/or characterization.
6. For LMV331, LMV393, LMV339: TA = −40°C to 85°C
For NCV331: TA = −40°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com