Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJB44H11 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJB44H11
Description  isc Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJB44H11 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJB44H11 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJB44H11 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJB44H11 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
MJB44H11
DESCRIPTION
·
Low Collector-Emitter saturation voltage
·
Pb-free package are available
·
Fast switching speed
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
General purpose amplification and switching such as
out or driver stages in applications such as switching
regulators,converters and power amplifiers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEO
Collector-Emitter Voltage
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
10
A
ICP
Collector Current-Pulse
20
A
PC
Total Power Dissipation
@ Ta=25℃
2
W
PC
Total Power Dissipation
@ TC=25℃
50
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - MJB44H11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJB44H11 ONSEMI-MJB44H11 Datasheet
75Kb / 6P
Complementary Power Transistors
December, 2003 ??Rev. 1
MJB44H11 ONSEMI-MJB44H11 Datasheet
64Kb / 6P
Complementary Power Transistors D2PAK for Surface Mount
December, 2005 ??Rev. 2
MJB44H11 ONSEMI-MJB44H11 Datasheet
184Kb / 7P
Complementary Power Transistors D2PAK for Surface Mount
May, 2013 - Rev. 5
MJB44H11G ONSEMI-MJB44H11G Datasheet
64Kb / 6P
Complementary Power Transistors D2PAK for Surface Mount
December, 2005 ??Rev. 2
MJB44H11G ONSEMI-MJB44H11G Datasheet
115Kb / 6P
Complementary Power Transistors
May, 2013 ??Rev. 5
More results

Similar Description - MJB44H11

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com