Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD47 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJD47
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJD47 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJD47 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJD47 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistors
MJD4
7
DESCRIPTION
·
DC Current Gain -hFE = 30~150@ IC= 0.3A
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = 250V(Min)
·
DPAK for Surface Mount Applications
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
APPLICATIONS
·
Designed for line operated audio output amplifier,switchmode
power supply drivers and other switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
350
V
VCEO
Collector-Emitter Voltage
250
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
1.0
A
ICM
Collector Current-Peak
2.0
A
IB
Base Current
0.6
A
PD
Collector Power Dissipation
TC=25℃
15
W
Collector Power Dissipation
Ta=25℃
1.56
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
8.33
℃
/W
Rth j-a
Thermal Resistance,Junction to Ambient
80
℃
/W


Similar Part No. - MJD47

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD47 MOTOROLA-MJD47 Datasheet
184Kb / 6P
NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
logo
ON Semiconductor
MJD47 ONSEMI-MJD47 Datasheet
184Kb / 6P
NPN SILICON POWER TRANSISTORS
1995 REV 1
logo
STMicroelectronics
MJD47 STMICROELECTRONICS-MJD47 Datasheet
87Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jan-2000
logo
Fairchild Semiconductor
MJD47 FAIRCHILD-MJD47 Datasheet
44Kb / 4P
High Voltage and High Reliability D-PAK for Surface Mount Applications
MJD47 FAIRCHILD-MJD47 Datasheet
44Kb / 4P
High Voltage and High Reliability D-PAK for Surface Mount Applications
More results

Similar Description - MJD47

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com