Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13005D Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJE13005D
Description  Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE13005D Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJE13005D Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE13005D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
Silicon NPN Power Transistor
MJE13005D
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage IC= 10mA ;IB= 0
400
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA ;IC= 0
9
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 2A; IB= 0.5A
1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 2A; IB= 0.5A
1.5
V
ICBO
Collector Cutoff Current
VCB= 700V; IE= 0
0.1
mA
IEBO
Emitter Cutoff Current
VEB= 9V; IC= 0
0.1
mA
hFE-1
DC Current Gain
IC= 5mA ; VCE= 5V
10
hFE-2
DC Current Gain
IC= 1A ; VCE= 5V
10
40
fT
Current Gain-Bandwidth Product
IC= 0.5A;VCE= 10V; ftest= 1MHz
7
MHz
VECF
C-E Diode Forward Voltage
IF= 4A
2.0
V
Switching Times
ts
Storage Time
IC= 0. 25A
6.0
μ
s
tf
Fall Time
IC= 0. 5A
0.6
μ
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com