Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJL3281A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJL3281A
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJL3281A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJL3281A Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJL3281A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
MJL3281A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 50mA; IB= 0
200
V
V(BR)EBO
Emitter-Base Voltage
IE = 100 uA, IC = 0
7
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 10A; IB=1A
3.0
V
ICBO
Collector Cutoff Current
VCB= 200V; IE= 0
50
μ
A
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
5
μ
A
hFE-1
DC Current Gain
IC = 100 mA, VCE = 5 V
60
175
hFE-2
DC Current Gain
IC = 1 A, VCE = 5 V
60
175
hFE-3
DC Current Gain
IC = 3 A, VCE = 5 V
60
175
hFE-4
DC Current Gain
IC = 5 A, VCE = 5 V
60
175
hFE-5
DC Current Gain
IC = 7 A, VCE = 5 V
60
175
hFE-6
DC Current Gain
IC = 8 A, VCE = 5 V
45
hFE-7
DC Current Gain
IC = 15 A, VCE = 5 V
12
IS/b
Second Breakdown
Collector with Base Forward Biased
VCE = 50 Vdc, t =1s
VCE=100Vdc,t=1s
4
1
A
fT
Current–Gain — Bandwidth Product
IC=1Adc,VCE=5Vdc,
ftest=1 MHz
30
MHz
Cob
Output Capacitance
VCB=10Vdc, IE= 0,
ftest = 1 MHz
600
pF
(1) Pulse Test: Pulse Width = 300 s, Duty Cycle 2%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com