Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1021 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXCT1021
Description  LOW OFFSET HIGH-SIDE CURRENT MONITOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCT1021 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXCT1021 Datasheet HTML 1Page - Zetex Semiconductors ZXCT1021 Datasheet HTML 2Page - Zetex Semiconductors ZXCT1021 Datasheet HTML 3Page - Zetex Semiconductors ZXCT1021 Datasheet HTML 4Page - Zetex Semiconductors ZXCT1021 Datasheet HTML 5Page - Zetex Semiconductors ZXCT1021 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Application Information
The devices have fixed dc voltage gains of 10, no external scaling resistors are required for the output. Output
voltage is simply defined as:
Where Vsense = Vin - VLoad
PCB trace shunt resistor for low cost solution
The figure below shows a PCB layout suggestion for a low cost solution where a PCB resistive trace in
replacement for a conventional shunt resistor, can be used. The resistor section is 25mm x 0.25mm giving
approximately 150m
Ω using 1 oz copper. Smaller resistances can be used if required.
Total circuit solution: 1 component. Shows area of 150m
Ω sense resistor
compared to SOT23 package.
Practical tolerance of the PCB resistor will be around 5% depending on
manufacturing methods.
ZXCT1021
SEMICO NDUC TORS
ISSUE 2 - MARCH 2004
5
Vout = 10 x Vsense (V)
GND
Load
N/C
GND
Vout
Vin
Load
4
1
2
3
5
Top view
PINOUT
PIN NAME
PIN FUNCTION
N/C
Not internally connected
GND
Ground
Vout
Voltage output referenced to GND. Intended to
drive high impedance loads
Load
High impedance negative sense voltage input
Vin
Supply and positive sense voltage input



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com